Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM912IP812AMAF Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MM912IP812AMAF
Description  S12P MCU and Multifunctional Ignition
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912IP812AMAF Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MM912IP812AMAF Datasheet HTML 1Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 2Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 3Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 4Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 5Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 6Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 7Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 8Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Document Number: MM912_P812
Rev. 1.0, 05/2012
Freescale Semiconductor
Advance Information
© Freescale Semiconductor, Inc., 2012. All rights reserved.
*This document contains certain information on a product under development.
Freescale reserves the right to change or discontinue this product without notice
S12P MCU and Multifunctional
Ignition and Injector Driver
System In Package (SiP)
The MM912xP812 is an engine control IC combining an MCU
(S12P) and analog control die (MC33812) intended for motorcycle
and other single/dual cylinders small engine control applications.
The MCU S12P has 6 KB RAM, and flash memory size of 96 KB
or 128 KB. The S12P family uses many of the same features found
on the S12XS family, including error correction code (ECC) on flash
memory, a separate data-flash module for diagnostic or data
storage, a fast analog-to-digital converter (ATD), and a frequency
modulated phase locked loop (IPLL) that improves the
electromagnetic compatibility (EMC) performance.
The analog control IC consists of three integrated low side drivers,
one pre-driver, a +5.0 V, voltage pre-regulator, an MCU watchdog
circuit, an ISO 9141 K-Line interface, and a parallel interface for
MCU communication. The three low side drivers are provided for
driving a fuel injector, a lamp or LED, and a relay or another injector
or fuel pump. The pre-driver is intended to drive either an insulated
gate bipolar transistor (IGBT) or a bipolar Darlington transistor to
control an ignition coil.
Features:
• Designed to operate over the range of ~4.7 V ≤ VPWR ≤ 36 V
• Relay/injector/fuel pump driver—current limit—4.0 A typical
• Lamp driver—current limit—1.5 A typical
• All external outputs protected against short to battery and over-current
• VCC voltage pre-regulator provides +5.0 V power for the MCU
• MCU watchdog timer circuit with parallel refresh/time setting line
• ISO-9141 K-Line transceiver for communicating diagnostic messages
• All signal lines are accessible
• Also available with MC9S12XEP100 MCU for calibration
• For detailed specifications see data sheets for the MC33812 and MC9S12Pxxx
• Provides single package ECU for minimum PC board area
Figure 1. MM912_P812 Simplified Application Diagram
SMALL ENGINE CONTROL SIP
912_P812
98ASA00371D
100 Pin LQFP-EP
Notes
1.
Surge Voltage protection
recommended on VPWR
2.
Not all connections on MCU shown
912_P812
VCCREF
VDD
VCCSENS
RESET
RESET
WDRFSH
LAMPOUT
DGND
PGND
PAD9
PM0/RXCAN
INJOUT
WD_INH
IGNOUTL
ISO9141
I/O
INJIN
I/O
INJFLT
I/O
IGNIN
I/O
IGNFLT
I/O
EXTAL
VPWR
LAMPIN
I/O
RIN
I/O
5.0 V
RELFLT
I/O
MRX
RXD
MTX
TXD
XTAL
VSS
VBAT
TM_EN, TEST2
MOSI
SCK
SS
MISO
IRQ
PM1/TXCAN
PAD3
PAD4
PAD5
PAD6
PAD7
PAD0
PAD1
PAD2
ISO9141
IGNOUTH
IGNSUP
VPWR
IGNFB
ROUT
VBAT VBAT
VBAT VBAT
Injector
Relay or
other load
TEST1


Similar Part No. - MM912IP812AMAF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MM912I637AM2EP NXP-MM912I637AM2EP Datasheet
6Mb / 396P
Intelligent integrated precision battery sensor
Rev. 6.0, 6/2021
MM912I637AV1EP NXP-MM912I637AV1EP Datasheet
6Mb / 396P
Intelligent integrated precision battery sensor
Rev. 6.0, 6/2021
MM912I637TM2EP NXP-MM912I637TM2EP Datasheet
6Mb / 396P
Intelligent integrated precision battery sensor
Rev. 6.0, 6/2021
MM912I637TV1EP NXP-MM912I637TV1EP Datasheet
6Mb / 396P
Intelligent integrated precision battery sensor
Rev. 6.0, 6/2021
More results

Similar Description - MM912IP812AMAF

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5611 SANYO-LA5611 Datasheet
60Kb / 5P
Multifunctional Voltage Regulator for TVs and VCRs
logo
Infineon Technologies A...
TLE6711 INFINEON-TLE6711 Datasheet
265Kb / 28P
Multifunctional Voltage Regulator and Watchdog
V 2.22 2001-04-23
TLE6363 INFINEON-TLE6363 Datasheet
278Kb / 28P
Multifunctional Voltage Regulator and Watchdog
V 1.1 2000-11-8
logo
Murata Manufacturing Co...
DM-3000 MURATA-DM-3000 Datasheet
2Mb / 8P
Multifunctional Digital Panel Meter and Counter Display
logo
Mallory performance clu...
28675 MALLORY-28675 Datasheet
214Kb / 12P
IGNITION COILS AND MARK II IGNITION COILS
logo
Infineon Technologies A...
TLE6711 INFINEON-TLE6711_07 Datasheet
983Kb / 25P
Multifunctional Voltage Regulator and Watchdog
Rev. 3.4, August 2007
logo
Freescale Semiconductor...
33812 FREESCALE-33812_10 Datasheet
510Kb / 25P
Multifunctional Ignition and Injector Driver
logo
Infineon Technologies A...
TLE6363 INFINEON-TLE6363_03 Datasheet
770Kb / 28P
Multifunctional Voltage Regulator and Watchdog
Rev. 1.2 2003-06-02
logo
NXP Semiconductors
MC33812 NXP-MC33812 Datasheet
677Kb / 28P
Multifunctional Ignition and Injector Driver
Rev. 6.0, 4/2016
logo
E+E Elektronik Ges.m.b....
EE772 EPLUSE-EE772 Datasheet
1Mb / 12P
Multifunctional Flow Sensor for Compressed Air and Gases
06-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com