Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM912IP812AMAF Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MM912IP812AMAF
Description  S12P MCU and Multifunctional Ignition
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912IP812AMAF Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MM912IP812AMAF Datasheet HTML 8Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 9Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 10Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 11Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 12Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 13Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 14Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 15Page - Freescale Semiconductor, Inc MM912IP812AMAF Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
MM912_P812
PIN CONNECTIONS
Calibration:
Note that Pins 46,47,70,75, and 76 are different between the S12P and the S12XEP100 SiPs.
For the S12P, these pins can be used as I/O:
Pin 46 = PJ0, Pin 47 = PJ1, Pin 70 = PE2, Pin 75 = PA6, Pin 76 = PAD09
For the S12XEP100, there must be:
100 nF, X7R ceramic capacitor between Pin 46 and 47
220 nF, X7R ceramic capacitor between Pin 67 and 70
220 nF, X7R ceramic capacitor between Pin 75 and 76
In order to have the same PC Board for both SiPs, it is necessary to place the pads for the three capacitors on the PC Board,
and use 0 ohm resistors to connect the 5 I/O (for the S12P) to the external circuitry. When the S12XEP100 is used, the capacitors
will be populated and the 0 ohm resistors will not be populated. When populated, if the I/O signals are not needed, then the 0
ohm resistors can be eliminated and only the capacitors are needed for the S12XEP100 boards.
MCU
90
PS1/TXD
I/O
PS1/
TXD (SCI)
Port S, I/O pin 1 is a general purpose input or output pin. It can be
configured as the receive pin TXD of serial communication interface
(SCI).
If used for ISO9141 connect to pin 3, MTX.
MCU
91
TEST
Input
Test
MUST leave OPEN. leave open
MCU
92
PM5/SCK
I/O
PM5/
SCK (SPI)
Port M, I/O pin 5 is a general purpose input or output pin. It can be
configured as the serial clock input pin for the serial peripheral interface
(SPI) when the SPI is in slave mode and as a serial clock output when
the SPI is in master mode.
Analog
93
RESET
Output
RESET Output to MCU Logic Level Reset signal used to reset the MCU when the watchdog
circuit times out, during under-voltage condition on VCC, and for initial
power up and power down. Provides RESET to MCU on pin 64.
Analog
94
INJFLT
Output
Injector Fault
Logic Level output to MCU indicating any fault in the injector circuit.
Analog
95
RELFLT
Output
Relay Fault
Logic Level output to MCU indicating any fault in the relay circuit.
Analog
96
IGNFLT
Output
Ignition Fault
Logic Level output to MCU indicating any fault in the ignition circuit.
Analog
97
INJIN
Input
Injector Parallel Input
Logic Level Parallel input from the MCU to control the injector driver
output
Analog
98
RIN
Input
Relay Parallel Input
Logic Level Parallel input to activate RELAY output, ROUT
Analog
99
LAMPIN
Input
LAMP Parallel Input
Logic Level Parallel input to activate the malfunction indicator lamp
output, LAMP
Analog
100
IGNIN
Input
Ignition Parallel Input
Logic Level Parallel input from MCU controlling the ignition coil current
flow and spark.
-
EP
GND
Ground
Substrate Ground
Should be tied to the Ground plane. Connect to Ground.
Table 4. MM912_P812 Pin Definitions
Analog
or MCU
Pin
Pin Name
Pin
Function
Formal Name
Description and Recommendations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com