Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5642A Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MPC5642A
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5642A Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MPC5642A Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
Freescale Semiconductor
65
Electrical characteristics
3.6.1
Regulator example
In designs where the MPC5642A microcontroller’s internal regulators are used, a ballast is required for generation of the 1.2 V
internal supply. No ballast is required when an external 1.2 V supply is used.
Figure 8. Core voltage regulator controller external components preferred configuration
8 The 3.3V POR specs are also valid for the V
DDEH POR
Table 16. MPC5642A External network specification
External Network
Parameter
Min
Typ
Max
Comment
T1
—
—
—
NJD2873 or BCP68
only
Cb
1.1
F2.2F2.97F
X7R,-50%/+35%
Ce
3*2.35
F+5F3*4.7F+10F3*6.35F+13.5F
X7R, -50%/+35%
Equivalent ESR of
Ce capacitors
5m
—
50m
—
Cd
4*50nF
4*100nF
4*135nF
X7R, -50%/+35%
Rb
9
10
11
+/-10%
MCU
The bypass transistor
MUST be operated out
of saturation region.
Mandatory decoupling
capacitor network
VDDREG
VRCCTL
VDD
VSS
VRCCTL capacitor and resistor is required
Ce
Cd
Cb
Rb
Cc
Creg
Rc
The resistor may or may not be
required. This depends on the
allowable power dissipation of
the npn bypass transistor
device. The resistor may be
used to limit the in-rush current
at power on.
Re
Keep parasitic inductance
under 20nH
T1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com