Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5642A Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # MPC5642A
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5642A Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button MPC5642A Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
Freescale Semiconductor
99
Electrical characteristics
3.17.5
External interrupt timing (IRQ pin)
Figure 23. External interrupt timing
3.17.6
eTPU timing
Table 42. External interrupt timing1
1 IRQ timing specified at V
DD = 1.14 V to 1.32 V, VDDEH = 3.0 V to 5.25 V, VDD33 and VDDSYN = 3.0 V to 3.6 V,
TA =TL to TH.
#
Symbol
Characteristic
Value
Unit
Min
Max
1tIPWL
IRQ Pulse Width Low
3
—
tCYC
2tIPWH
IRQ Pulse Width High
3
—
tCYC
3tICYC
IRQ Edge to Edge Time2
2 Applies when IRQ pins are configured for rising edge or falling edge events, but not both.
6—
tCYC
Table 43. eTPU timing1
1 eTPU timing specified at V
DD = 1.14 V to 1.32 V, VDDEH = 3.0 V to 5.25 V, VDD33 and VDDSYN = 3.0 V to 3.6 V,
TA =TL to TH, and CL = 50 pF with SRC = 0b00.
#
Symbol
Characteristic
Value
Unit
Min
Max
1tICPW
eTPU Input Channel Pulse Width
4
—
tCYC
2tOCPW
eTPU Output Channel Pulse Width2
2 This specification does not include the rise and fall times. When calculating the minimum eTPU pulse width, include
the rise and fall times defined in the slew rate control fields (SRC) of the pad configuration registers (PCR).
2—
tCYC
IRQ
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com