Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5642A Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MPC5642A
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5642A Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MPC5642A Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
Freescale Semiconductor
73
Electrical characteristics
3.9.1
I/O pad VRC33 current specifications
The power consumption of the VRC33 supply is dependent on the usage of the pins on all I/O segments. The power consumption
is the sum of all input and output pin VRC33 currents for all I/O segments. The output pin VRC33 current can be calculated from
Table 22 based on the voltage, frequency, and load on all fast pins. The input pin VRC33 current can be calculated from Table 22
based on the voltage, frequency, and load on all medium pins. Use linear scaling to calculate pin currents for voltage, frequency,
and load parameters that fall outside the values given in Table 22.
Table 22. I/O pad VRC33 average IDDE specifications
1
1 These are typical values that are estimated from simulation and not tested. Currents apply to output pins only.
Pad type
Symbol
C
Period
(ns)
Load2
(pF)
2 All loads are lumped.
Drive
select
IDD33 Avg
(µA)
IDD33 RMS
(µA)
Slow
IDRV_SSR_HV
CC D
100
50
11
0.8
235.7
CC D
200
50
01
0.04
87.4
CC D
800
50
00
0.06
47.4
CC D
800
200
00
0.009
47
Medium
IDRV_MSR_HV
CC D
405011
2.75
258
CC D
100
50
01
0.11
76.5
CC D
500
50
00
0.02
56.2
CC D
500
200
00
0.01
56.2
MultiV3
(High swing mode)
3 Average current is for pad configured as output only
IDRV_MULTV_HV
CC D
20
50
11
33.4
35.4
CC D
30
50
01
33.4
34.8
CC D
117
50
00
33.4
33.8
CC D
212
200
00
33.4
33.7
MultiV4
(Low swing mode)
4 In low swing mode, multi-voltage pads must operate in highest slew rate setting, ipp_sre0 = 1, ipp_sre1 = 1.
IDRV_MULTV_HV
CC D
30
30
11
33.4
33.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com