Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5642A Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # MPC5642A
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5642A Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MPC5642A Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5642A Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
Freescale Semiconductor
83
Electrical characteristics
Table 35. Pad AC specifications (VDDE = 3.0 V)
1
1 These are worst case values that are estimated from simulation and not tested. The values in the table are
simulated at VDD = 1.14 V to 1.32 V, VDDE = 3 V to 3.6 V, VDDEH = 3V to 3.6V, TA = TL to TH.
Pad type
C
Output delay (ns)2,3
Low-to-High /
High-to-Low
2 This parameter is supplied for reference and is not guaranteed by design and not tested.
3 Delay and rise/fall are measured to 20% or 80% of the respective signal.
Rise/Fall edge (ns)3,4
4 This parameter is guaranteed by characterization before qualification rather than 100% tested.
Drive load
(pF)
SRC/DSC
Min
Max
Min
Max
MSB,LSB
Medium5,6,7
CC
D
5.8/4.4
18/17
2.7/2.1
10/10
50
118
CC
D
16/13
46/49
11.2/8.6
34/34
200
—109
CC
D
14/16
37/45
6.5/6.7
19/19
50
01
CC
D
27/27
69/82
15/13
43/43
200
CC
D
83/86
200/210
38/38
86/86
50
00
CC
D
113/109
270/285
53/46
120/120
200
Slow7,10
CC
D
9.2/6.9
27/28
5.5/4.1
20/20
50
11
CC
D
30/23
81/87
21/16
63/63
200
—109
CC
D
31/31
80/90
15.4/15.4
42/42
50
01
CC
D
58/52
144/155
32/26
82/85
200
CC
D
162/168
415/415
80/82
190/190
50
00
CC
D
216/205
533/540
106/95
250/250
200
MultiV7,11
(High Swing Mode)
CC
D
—
3.7/3.1
—
10/10
30
118
CC
D
—
46/49
—
42/42
200
—109
CC
D
—
32
—
15/15
50
01
CC
D
—
72
—
46/46
200
CC
D
—
210
—
100/100
50
00
CC
D
—
295
—
134/134
200
MultiV
(Low Swing Mode)
Not a valid operational mode
Fast
CC
D
—
2.5/2.5
—
1.2/1.2
10
00
CC
D
—
2.5/2.5
—
1.2/1.2
20
01
CC
D
—
2.5/2.5
—
1.2/1.2
30
10
CC
D
—
2.5/2.5
—
1.2/1.2
50
118
Standalone input
buffer12
CC
D
0.5/0.5
3/3
0.4/0.4
±1.5/1.5
0.5
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com