Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC667201MMG3 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # SC667201MMG3
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC667201MMG3 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button SC667201MMG3 Datasheet HTML 43Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 44Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 45Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 46Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 47Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 48Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 49Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 50Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 120 page
background image
VDDEH721
I/O supply input
—
—
I
3.3 V – 5.0 V
I / —
VDDEH7
—
D12
B22, C21,
D15, D20,
E19, F19,
H19, J14
VDDEH7A21
I/O supply input
—
—
I
3.3 V – 5.0 V
I / —
VDDEH7A
125
—
—
VDDEH7B21
I/O supply input
—
—
I
3.3 V – 5.0 V
I / —
VDDEH7B
138
—
—
VSS
Ground
—
—
I
—
I / —
VSS
15, 29, 43,
57, 72, 90,
94, 96,
108, 115,
127, 133,
140
A1, A16,
B2, B15,
C3, C14,
D4, D13,
G7, G8,
G9, G10,
H7, H8,
H9, H10,
J7, J8, J9,
J10, K7,
K8, K9,
K10, M16,
N4, N13,
P3, P14,
R2, R15,
T1, T16
A1, A22,
B2, B21,
C3, C20,
D4, D17,
D19, F21,
H21, J9,
J10, J11,
J12, J13,
K9, K10,
K11, K12,
K13, K14,
L9, L10,
L11, L12,
L13, L14,
L21, M11,
M12, M13,
M14, N9,
N10, N12,
N13, N14,
N21, P9,
P10, P12,
P13, P14,
T19, T21,
T22, W4,
Y3, Y20,
AA21,
AB1, AB22
1 The suffix “_O” identifies an output-only eTPU channel
2 For each pin in the table, each line in the Function column is a separate function of the pin. For all I/O pins the selection of primary pin function or secondary
function or GPIO is done in the SIU except where explicitly noted. See the Signal details table for a description of each signal.
3 The P/A/G column indicates the position a signal occupies in the muxing order for a pin—Primary, Alternate 1, Alternate 2, Alternate 3, or GPIO. Signals are
selected by setting the PA field value in the appropriate PCR register in the SIU module. The PA field values are as follows: P - 0b0001, A1 - 0b0010, A2 -
0b0100, A3 - 0b1000, or G - 0b0000. Depending on the register, the PA field size can vary in length. For PA fields having fewer than four bits, remove the
appropriate number of leading zeroes from these values.
4 The Pad Configuration Register (PCR) PA field is used by software to select pin function.
5 Values in the PCR column refer to registers in the System Integration Unit (SIU). The actual register name is “SIU_PCR” suffixed by the PCR number. For
example, PCR[190] refers to the SIU register named SIU_PCR190.
6 The VDDE and VDDEH supply inputs are broken into segments. Each segment of slow I/O pins (VDDEH) may have a separate supply in the 3.3 V to 5.0 V
range (
10%/+5%). Each segment of fast I/O (VDDE) may have a separate supply in the 1.8 V to 3.3 V range (+/ 10%).
Table 3. MPC5642A signal properties (continued)
Name1
Function2
P / A / G3
PCR
PA
field4
PCR5
I/O
type
Voltage6 /
Pad type7
Status8
Package pin No.
During reset
After reset
176
208
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com