Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC667201MMG3 Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc

Part # SC667201MMG3
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC667201MMG3 Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc

Back Button SC667201MMG3 Datasheet HTML 96Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 97Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 98Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 99Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 100Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 101Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 102Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 103Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 104Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
100
Freescale Semiconductor
Electrical characteristics
3.17.7
eMIOS timing
3.17.8
DSPI timing
DSPI channel frequency support for the MPC5642A MCU is shown in Table 45. Timing specifications are in Table 46.
Table 44. eMIOS timing1
1 eMIOS timing specified at V
DD = 1.14 V to 1.32 V, VDDEH = 4.75 V to 5.25 V, TA = TL to TH, and CL =50 pF with
SRC = 0b00.
#
Symbol
C
Characteristic
Value
Unit
Min
Max
1tMIPW
CC
D
eMIOS Input Pulse Width
4
—
tCYC
2tMOPW
CC
D
eMIOS Output Pulse Width
1
—
tCYC
Table 45. DSPI channel frequency support
System clock
(MHz)
DSPI Use Mode
Maximum usable
frequency (MHz)
Notes
150
LVDS
37.5
Use sysclock /4 divide ratio
Non-LVDS
18.75
Use sysclock /8 divide ratio
120
LVDS
40
Use sysclock /3 divide ratio. Gives 33/66 duty cycle. Use DSPI
configuration DBR = 0b1 (double baud rate), BR = 0b0000
(scaler value 2) and PBR = 0b01 (prescaler value 3).
Non-LVDS
20
Use sysclock /6 divide ratio
80
LVDS
40
Use sysclock /2 divide ratio
Non-LVDS
20
Use sysclock /4 divide ratio
Table 46. DSPI timing1,2
#
Symbol
C
Characteristic
Condition
Min.
Max.
Unit
1tSCK
CC
D
SCK Cycle Time3,4,5
24.4 ns
2.9 ms
—
2tCSC
CC
D
PCS to SCK Delay6
227
—ns
3tASC
CC
D
After SCK Delay8
219
—ns
4tSDC
CC
D
SCK Duty Cycle
(
½tSC)  2(½tSC) + 2
ns
5tA
CC
D
Slave Access Time (SS active to
SOUT driven)
—25
ns
6tDIS
CC
D
Slave SOUT Disable Time (SS inactive
to SOUT High-Z or invalid)
—25
ns
7tPCSC
CC
D
PCSx to PCSS time
410
—ns
8tPASC
CC
D
PCSS to PCSx time
511
—ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com