Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC667201MMG3 Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # SC667201MMG3
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC667201MMG3 Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button SC667201MMG3 Datasheet HTML 71Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 72Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 73Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 74Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 75Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 76Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 77Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 78Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
Freescale Semiconductor
75
Electrical characteristics
3.10
Oscillator and PLLMRFM electrical characteristics
TSKEW
CC D Differential skew Itphla-tplhbI or
Itplhb-tphlaI
——
—
0.5
ns
Termination
CC D Transmission line (differential Zo)
—
95
100
105
W
CC D Temperature
—
–40
—
150
C
Table 25. PLLMRFM electrical specifications1
(VDDPLL = 1.08 V to 3.6 V, VSS = VSSPLL = 0 V, TA = TL to TH)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max
fref_crystal
fref_ext
CC P PLL reference frequency range2
Crystal reference
4
40
MHz
P
External reference
4
80
fpll_in
CC D Phase detector input frequency range
(after pre-divider)
—4
16
MHz
fvco
CC D VCO frequency range
—
256
512
MHz
fsys
CC T On-chip PLL frequency2
—16
150
MHz
fsys
CC T System frequency in bypass mode3
Crystal reference
4
40
MHz
T
External reference
0
80
tCYC
CC D System clock period
—
—
1 / fsys
ns
fLORL
fLORH
CC D Loss of reference frequency window4
Lower limit
1.6
3.7
MHz
D
Upper limit
24
56
fSCM
CC P Self-clocked mode frequency5,6
—
1.2
72.25
MHz
CJITTER CC C CLKOUT period
jitter7,8,9,10
Peak-to-peak (clock
edge to clock edge)
fSYS maximum
–5
5
% fCLKOUT
C
Long-term jitter (avg.
over 2 ms interval)
–6
6
ns
tcst
CC T Crystal start-up time11,12
——
10
ms
VIHEXT
CC D EXTAL input high voltage
Crystal mode13
Vxtal
+0.4
—V
TExternal
reference13,14
VRC33/2
+ 0.4
VRC33
Table 24. DSPI LVDS pad specification (continued)
Symbol
C
Parameter
Condition
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com