Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC667201MMG3 Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # SC667201MMG3
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC667201MMG3 Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button SC667201MMG3 Datasheet HTML 83Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 84Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 85Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 86Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 87Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 88Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 89Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 90Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
Freescale Semiconductor
87
Electrical characteristics
NOTE
The Nexus/JTAG Read/Write Access Control/Status Register (RWCS) write (to begin a
read access) or the write to the Read/Write Access Data Register (RWD) (to begin a write
access) does not actually begin its action until 1 JTAG clock (TCK) after leaving the JTAG
Update-DR state. This prevents the access from being performed and therefore will not
signal its completion via the READY (RDY) output unless the JTAG controller receives an
additional TCK. In addition, EVTI is not latched into the device unless there are clock
transitions on TCK.
The tool/debugger must provide at least one TCK clock for the EVTI signal to be
recognized by the MCU. When using the RDY signal to indicate the end of a Nexus
read/write access, ensure that TCK continues to run for at least one TCK after leaving the
Update-DR state. This can be just a TCK with TMS low while in the Run-Test/Idle state or
by continuing with the next Nexus/JTAG command. Expect the effect of EVTI and RDY
to be delayed by edges of TCK.
RDY is not available in all device packages.
4tTMSS, tTDIS CC D TMS, TDI Data Setup Time
10
—
ns
5tTMSH, tTDIH CC D TMS, TDI Data Hold Time
25
—
ns
6tTDOV
CC D TCK Low to TDO Data Valid
—
222
ns
7tTDOI
CC D TCK Low to TDO Data Invalid
0
—
ns
8tTDOHZ
CC D TCK Low to TDO High Impedance
—
22
ns
9tJCMPPW
CC D JCOMP Assertion Time
100
—
ns
10
tJCMPS
CC D JCOMP Setup Time to TCK Low
40
—
ns
11
tBSDV
CC D TCK Falling Edge to Output Valid
—
50
ns
12
tBSDVZ
CC D TCK Falling Edge to Output Valid out of High Impedance
—
50
ns
13
tBSDHZ
CC D TCK Falling Edge to Output High Impedance
—
50
ns
14
tBSDST
CC D Boundary Scan Input Valid to TCK Rising Edge
253
—ns
15
tBSDHT
CC D TCK Rising Edge to Boundary Scan Input Invalid
253
—ns
1 JTAG timing specified at V
DD = 1.14 V to 1.32 V, VDDEH = 4.75 V to 5.25 V with multi-voltage pads programmed to
Low-Swing mode, TA = TL to TH, CL = 30 pF, SRC = 0b11. These specifications apply to JTAG boundary scan only.
See Table 38 for functional specifications.
2 Pad delay is 8–10 ns. Remainder includes TCK pad delay, clock tree delay logic delay and TDO output pad delay.
3 For 20 MHz TCK.
Table 37. JTAG pin AC electrical characteristics1 (continued)
#
Symbol
C
Characteristic
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com