Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC667201MMG3 Datasheet(PDF) 116 Page - Freescale Semiconductor, Inc

Part # SC667201MMG3
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC667201MMG3 Datasheet(HTML) 116 Page - Freescale Semiconductor, Inc

Back Button SC667201MMG3 Datasheet HTML 112Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 113Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 114Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 115Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 116Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 117Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 118Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 119Page - Freescale Semiconductor, Inc SC667201MMG3 Datasheet HTML 120Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 116 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
116
Freescale Semiconductor
Ordering information
5
Ordering information
Table 50 shows the orderable part numbers for the MPC5642A series.
Figure 41. Product code structure
Table 50. Orderable part number summary
Part number
Flash/SRAM
Package
Speed (MHz)
SPC5642AF2MLU1
2 MB/128 KB
176 LQFP (Pb free)
150
SC667201MMG1
2 MB/128 KB
208 MAPBGA (Pb free)
SPC5642AF2MVZ1
2 MB/128 KB
324 TEPBGA
SPC5642AF2MLU2
2 MB/128 KB
176 LQFP (Pb free)
120
SC667201MMG2
2 MB/128 KB
208 MAPBGA (Pb free)
SPC5642AF2MVZ2
2 MB/128 KB
324 TEPBGA
SPC5642AF2MLU3
2 MB/128 KB
176 LQFP (Pb free)
80
SC667201MMG3
2 MB/128 KB
208 MAPBGA (Pb free)
SPC5642AF2MVZ3
2 MB/128 KB
324 TEPBGA
Qualification Status
Product Family
ATMC Fab and Mask Revision
Temperature Range
Package
Maximum Frequency
MPC
5642A
1
Example code:
M
VZ
Qualification Status
MPC = Industrial qualified
SPC = Automotive qualified
PC = Prototype
Product
5642A = MPC5642A family
Fab and Mask Revision
F = ATMC
0 = Revision
Temperature spec.
M = –40 °C to 125 °C
Package Code
LU = 176 LQFP
MG = 208 MAPBGA
VZ = 324 TEPBGA
Maximum Frequency
1 = 150 MHz
2 = 120 MHz
3 = 80 MHz
F0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com