Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4263 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # TLE4263
Description  5-V Low-Drop Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4263 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button TLE4263 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 10Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TLE 4263
Semiconductor Group
7
1998-11-01
Characteristics
V
I = 13.5 V; Tj = 25 °C; Ve > 3.5 V; (unless specified otherwise)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.
Normal Operation
Output voltage
V
Q
4.90
5.00
5.10
V
5 mA
≤ I
Q ≤ 150 mA;
6 V
≤ V
I ≤ 28 V;
– 40
°C ≤ T
j ≤ 125 °C
Output voltage
V
Q
4.95
5.00
5.05
V
6 V
≤ V
I ≤ 32 V;
I
Q = 100 mA;
T
j = 100 °C
Output current
I
Q
200
250
–
mA
–
Current consumption;
I
q = Ii – IQ
I
q
I
q
I
q
I
q
–
–
–
–
–
800
10
15
50
1100
15
20
µA
µA
mA
mA
V
e = 0
I
Q = 0 mA
I
Q = 150 mA
I
Q = 150 mA; Vi = 4.5 V
Drop voltage
V
Dr
–
0.35
0.6
V
I
Q = 150 mA
*)
Load regulation
∆V
Q
––25
mV
I
Q = 5 mA to 150 mA
Supply-voltage
regulation
∆V
Q
–15
25
mV
V
I = 6 V to 28 V;
I
Q = 150 mA
Ripple rejection
SVR
–54
–
dB
f
r = 100 Hz; Vr = 0.5 Vpp
Reset Generator
Switching threshold
V
RT
4.2
4.5
4.8
V
V
RE = 0 V
Switching voltage
V
RE
1.28
1.35
1.42
V
V
Q > 3.5 V
Reset low voltage
V
R
–
0.10
0.40
V
I
R = 1 mA
Note: The reset output is low within the range
VQ = 1 V to VRT
*)
Drop voltage =
Vi – VQ (measured when the output voltage has dropped 100 mV
from the nominal value obtained at 13.5 V input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com