Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4263 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # TLE4263
Description  5-V Low-Drop Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4263 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  TLE4263 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
P-DSO-20-6
P-DSO-14-4
5-V Low-Drop Voltage Regulator
TLE 4263
Semiconductor Group
1
1998-11-01
Features
q
Output voltage tolerance
≤ ± 2 %
q
Low-drop voltage
q
Very low standby current consumption
q
Overtemperature protection
q
Reverse polarity protection
q
Short-circuit proof
q
Settable reset threshold
q
Watchdog
q
Wide temperature range
q
Suitable for use in automotive electronics
w New type
Type
Ordering Code Package
TLE 4263 G
Q67006-A9095
P-DSO-20-6 (SMD)
w TLE 4263 GM Q67006-A9357
P-DSO-14-4 (SMD)
Functional Description
TLE 4263 G is a 5-V low-drop voltage regulator in a P-DSO-20-6 SMD package. The
maximum input voltage is 45 V. The maximum output current is more than 200 mA. The
IC is short-circuit proof and incorporates temperature protection that disables the IC at
overtemperature.
The IC regulates an input voltage
V
I in the range of 6 V < VI < 45 V to VQrated = 5.0 V. A
reset signal is generated for an output voltage of
V
Q < 4.5 V. This voltage threshold can
be decreased to 3.5 V by external connection. The reset delay can be set externally by
a capacitor. The integrated watchdog logic controls the connected microcontroller. The
IC can be switched off via the inhibit input, which causes the current consumption to drop
from 800
µA to < 50 µA.


Similar Part No. - TLE4263

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4263 INFINEON-TLE4263 Datasheet
189Kb / 19P
5-V Low-Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4263 INFINEON-TLE4263 Datasheet
425Kb / 19P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4263 INFINEON-TLE4263 Datasheet
233Kb / 19P
5-V Low Drop Voltage Regulator
Rev. 2.9, 2013-11-25
TLE4263-2ES INFINEON-TLE4263-2ES Datasheet
486Kb / 22P
5-V Low Dropout Voltage Regulator
Rev. 1.0, April 2008
TLE4263-2GM INFINEON-TLE4263-2GM Datasheet
788Kb / 20P
OPTIREG™ linear TLE4263-2GM 5 V low drop voltage regulator
Rev. 1.0 2023-07-11
More results

Similar Description - TLE4263

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4260 SIEMENS-TLE4260 Datasheet
139Kb / 14P
5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
5-V Low-Drop Voltage Regulator
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
TLE4263-2GS INFINEON-TLE4263-2GS Datasheet
711Kb / 20P
5 V low drop voltage regulator
Rev. 1.0 2023-07-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com