Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4263 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # TLE4263
Description  5-V Low-Drop Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4263 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  TLE4263 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TLE 4263
Semiconductor Group
3
1998-11-01
Pin Definitions and Functions
Pin
Symbol
Function
1, 2, 19, 13
N.C.
Not connected
3QRES
Reset output; open-collector output connected to the
output via a resistor of 30 k
Ω.
4-7,
14-17
GND
Ground
9
DRES
Reset delay; connected to ground with a capacitor.
10
SRES
Reset threshold; for setting the switching threshold
connect with a voltage divider from output to ground. If this
input is connected to GND, reset is triggered at an output
voltage of 4.5 V.
11
W
Watchdog; positive edge triggered input for monitoring a
microcontroller.
12
V
Q
5-V output voltage; block to ground with a 22
−µF
capacitor.
18
V
I
Input voltage; block to ground directly at the IC with a
ceramic capacitor.
20
INH
Inhibit; TTL-compatible, low-active input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com