Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4263 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # TLE4263
Description  5-V Low-Drop Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4263 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  TLE4263 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TLE 4263
Semiconductor Group
4
1998-11-01
Circuit Description
The control amplifier compares a reference voltage, which is kept highly accurate by
resistance adjustment, to a voltage that is proportional to the output voltage and drives
the base of the series transistor via a buffer. Saturation control as a function of the load
current prevents any over-saturation of the power element. If the externally scaled down
output voltage at the reset threshold input drops below 1.35 V, the external reset delay
capacitor is discharged by the reset generator. If the voltage on the capacitor reaches
the lower threshold
V
ST, a reset signal is issued on the reset output and not cancelled
again until the upper threshold
V
dT is exceeded. If the reset threshold input is connected
to GND, reset is triggered at an output voltage of 4.5 V. A connected microcontroller is
controlled by the watchdog logic. If pulses are missing, the reset output is set to low. The
pulse sequence time can be set within a wide range with the reset delay capacitor. The
IC can be switched at the TTL-compatible, low-active inhibit input. The IC also
incorporates a number of internal circuits for protection against:
q
Overload
q
Overtemperature
q
Reverse polarity
Block Diagram
Input
18
AEB01100
20
GND
4-7, 14-17
Output
12
9
3
10
Reset
Delay
Reset
Output
Reset
Threshold
Watchdog
11
Temperature
Sensor
Generator
Reset
Reference
Bandgap
Adjustment
Buffer
Control
Amplifier
Saturation
Control and
Protection
Circuit
Inhibit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com