Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4416 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP4416
Description  Electroluminescent Lamp Driver with 4-Level Light Intensity Selection Feature
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4416 Datasheet(HTML) 1 Page - Sipex Corporation

  SP4416 Datasheet HTML 1Page - Sipex Corporation SP4416 Datasheet HTML 2Page - Sipex Corporation SP4416 Datasheet HTML 3Page - Sipex Corporation SP4416 Datasheet HTML 4Page - Sipex Corporation SP4416 Datasheet HTML 5Page - Sipex Corporation SP4416 Datasheet HTML 6Page - Sipex Corporation SP4416 Datasheet HTML 7Page - Sipex Corporation SP4416 Datasheet HTML 8Page - Sipex Corporation SP4416 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
SP4416DS/06
SP4416 Electroluminescent Lamp Driver with 4-Level Light Intensity Selection Feature
© Copyright 1999 Sipex Corporation
DESCRIPTION
The SP4416 is a high voltage output DC-AC converter that operates from a 3.3V battery and
generates up to 220V
PP AC output. As with Sipex's other electroluminescent driver products,
the AC output is used to generate light in an electroluminescent lamp. The SP4416 incorporates
an intensity select feature within the enable circuit so that the user can program the desired
light intensity. The SP4416 uses only two external components to generate light; the oscillator
capacitor and inductor. The ENLI pin is used for either an enable function or a step-up intensity
function. Four light intensities can be set by strobing the ENLI pin in a defined time period.
The SP4416 with the intensity function can be used in cellular phone applications, PDA's, and
other hand-held CPU controlled equipment.
s 4-Level, Software Selectable Light
Intensity Function
s 75%-80%-85%-100% Intensity
Level Options
s Extends Standby Time & Battery Life
when used in Conjunction with Power
Management Devices
s Requires only 2 External Components:
Oscillator Setting Capacitor and Inductor
s Low Power +3.3V Operation
s 100nA Standby Current
s Space-Saving 10-pin
µSOIC Package
APPLICATIONS
s Cellular Phones
s LCD Displays & Keypads
s PDAs
s Handheld Portable Electronic Devices
Electroluminescent Lamp Driver with
4-Level Light Intensity Selection Feature
SP4416
1
2
3
4
5
6
7
8
9
10
SP4416EU
COSC2
COSC1
VSS
EL1
CS
COIL
EL2
VDD
VEE
ENLI
®


Similar Part No. - SP4416

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4412 SIPEX-SP4412 Datasheet
119Kb / 10P
Electroluminescent Lamp Driver
logo
SamHop Microelectronics...
SP4412 SAMHOP-SP4412 Datasheet
117Kb / 8P
N-Channel Enhancement Mode Field Effect Transistor
logo
Sipex Corporation
SP4412A SIPEX-SP4412A Datasheet
119Kb / 10P
Electroluminescent Lamp Driver
SP4412ACN SIPEX-SP4412ACN Datasheet
119Kb / 10P
Electroluminescent Lamp Driver
SP4412ACU SIPEX-SP4412ACU Datasheet
119Kb / 10P
Electroluminescent Lamp Driver
More results

Similar Description - SP4416

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33441 ONSEMI-MC33441 Datasheet
152Kb / 12P
Electroluminescent Lamp Driver IC
April, 2000 ??Rev. 1
logo
Sipex Corporation
SP4412A SIPEX-SP4412A Datasheet
119Kb / 10P
Electroluminescent Lamp Driver
SP4422A SIPEX-SP4422A Datasheet
136Kb / 13P
Electroluminescent Lamp Driver
logo
List of Unclassifed Man...
D340B ETC1-D340B Datasheet
364Kb / 9P
Electroluminescent Lamp Driver IC
D355B ETC1-D355B Datasheet
534Kb / 14P
Electroluminescent Lamp Driver IC
D365A ETC1-D365A Datasheet
299Kb / 12P
Electroluminescent Lamp Driver IC
D372A ETC1-D372A Datasheet
446Kb / 12P
Electroluminescent Lamp Driver IC
logo
Sipex Corporation
SP4415 SIPEX-SP4415 Datasheet
158Kb / 10P
Electroluminescent Lamp Driver with Selectable Level Outputs
logo
List of Unclassifed Man...
ZSP4422A ETC1-ZSP4422A Datasheet
145Kb / 8P
Electroluminescent Lamp Driver
logo
ON Semiconductor
MC33441 ONSEMI-MC33441_06 Datasheet
275Kb / 9P
Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com