Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4416 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP4416
Description  Electroluminescent Lamp Driver with 4-Level Light Intensity Selection Feature
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4416 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP4416 Datasheet HTML 2Page - Sipex Corporation SP4416 Datasheet HTML 3Page - Sipex Corporation SP4416 Datasheet HTML 4Page - Sipex Corporation SP4416 Datasheet HTML 5Page - Sipex Corporation SP4416 Datasheet HTML 6Page - Sipex Corporation SP4416 Datasheet HTML 7Page - Sipex Corporation SP4416 Datasheet HTML 8Page - Sipex Corporation SP4416 Datasheet HTML 9Page - Sipex Corporation SP4416 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SP4416DS/06
SP4416 Electroluminescent Lamp Driver with 4-Level Light Intensity Selection Feature
© Copyright 1999 Sipex Corporation
6
Figure 6. Typical ENLI Timing for Intensity Strobing
Figure 7. Typical ENLI Timing for Cases where t
ENLI < 1ms or tENLI > 8ms
Figure 8. ENLI Timing Recall
V
peak = 90V (typ.)
1st Level
2nd Level
3rd Level
4th Level
ENLI
EL1 Output
4ms
(1 cycle)
V
DD = 3V (typ.)
4th Level
V
DD
V
DD = 3V (typ.)
t
INC
t
DELAY
2ms
1/2 cycle
t
INC
t
INC
t
INC
10us < t
ENLI < 800us
1st Level
2nd Level
4th Level
ENLI
EL1 Output
2ms
V
DD = 3V (typ.)
V
DD
V
DD = 3V (typ.)
4th Level
t
DELAY
t
INC
4ms
1 cycle
2nd Level
t
ENLI >8ms
10us < t
ENLI < 800us
t
INC
t
INC
1st Level
4th Level
ENLI
EL1 Output
V
DD = 3V (typ.)
V
DD
V
DD = 3V (typ.)
t
INC
t
DELAY
t
ENLI >8ms
t
INC
2ms
1st Level
1st Level
4ms
1 cycle
10us < t
ENLI < 800us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com