Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4416 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP4416
Description  Electroluminescent Lamp Driver with 4-Level Light Intensity Selection Feature
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4416 Datasheet(HTML) 5 Page - Sipex Corporation

  SP4416 Datasheet HTML 1Page - Sipex Corporation SP4416 Datasheet HTML 2Page - Sipex Corporation SP4416 Datasheet HTML 3Page - Sipex Corporation SP4416 Datasheet HTML 4Page - Sipex Corporation SP4416 Datasheet HTML 5Page - Sipex Corporation SP4416 Datasheet HTML 6Page - Sipex Corporation SP4416 Datasheet HTML 7Page - Sipex Corporation SP4416 Datasheet HTML 8Page - Sipex Corporation SP4416 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
SP4416DS/06
SP4416 Electroluminescent Lamp Driver with 4-Level Light Intensity Selection Feature
© Copyright 1999 Sipex Corporation
Figure 2. Level 4 Output for EL1
Level 4 Intensity
16 Coil Pulses
100% of V
OUT
1
5
10
Figure 3. Level 3 Output for EL1
Level 3 Intensity
12 Coil Pulses
85% of V
OUT
1
5
10
Figure 4. Level 2 Output for EL1
Figure 5. Level 1 Output for EL1
Level 2 Intensity
9 Coil Pulses
80% of V
OUT
1
5
Level 1 Intensity
7 Coil Pulses
75% of V
OUT
1
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com