Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4416 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP4416
Description  Electroluminescent Lamp Driver with 4-Level Light Intensity Selection Feature
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4416 Datasheet(HTML) 3 Page - Sipex Corporation

  SP4416 Datasheet HTML 1Page - Sipex Corporation SP4416 Datasheet HTML 2Page - Sipex Corporation SP4416 Datasheet HTML 3Page - Sipex Corporation SP4416 Datasheet HTML 4Page - Sipex Corporation SP4416 Datasheet HTML 5Page - Sipex Corporation SP4416 Datasheet HTML 6Page - Sipex Corporation SP4416 Datasheet HTML 7Page - Sipex Corporation SP4416 Datasheet HTML 8Page - Sipex Corporation SP4416 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
SP4416DS/06
SP4416 Electroluminescent Lamp Driver with 4-Level Light Intensity Selection Feature
© Copyright 1999 Sipex Corporation
Figure 1. Typical Operating Circuit of the SP4416
N
I
PE
M
A
N
N
O
I
T
C
N
U
F
1C
2
C
S
O
2
t
u
p
n
i
r
o
t
i
c
a
p
a
c
r
o
t
a
ll
i
c
s
O
2C
1
C
S
O
2
t
u
p
n
i
r
o
t
i
c
a
p
a
c
r
o
t
a
ll
i
c
s
O
3V
S
S
d
n
u
o
r
g
o
t
d
e
t
c
e
n
n
o
c
y
ll
a
c
i
p
y
t
-
n
o
m
m
o
C
y
l
p
p
u
S
c
i
g
o
L
41
L
Ep
m
a
l
L
E
o
t
d
e
t
c
e
n
n
o
c
;
t
u
p
t
u
O
r
e
v
i
r
D
L
E
5C
S
s
i
h
t
m
o
r
f
r
o
t
i
c
a
p
a
c
F
n
8
.
1
a
t
c
e
n
n
o
C
.
t
u
p
n
I
r
o
t
i
c
a
p
a
C
g
n
i
t
a
r
g
e
t
n
I
l
a
n
o
i
t
p
O
n
i
t
n
e
s
e
r
p
e
l
p
p
i
r
r
o
s
e
k
i
p
s
g
n
i
h
c
t
i
w
s
li
o
c
y
n
a
t
u
o
r
e
t
li
f
o
t
d
n
u
o
r
g
o
t
n
i
p
t
u
p
n
i
y
r
e
v
o
c
e
r
t
s
a
f
l
a
n
o
i
t
p
o
n
a
g
n
i
t
c
e
n
n
o
C
.
p
m
a
l
L
E
e
h
t
o
t
m
r
o
f
e
v
a
w
t
u
p
t
u
o
e
h
t
e
h
t
f
o
t
u
p
t
u
o
t
h
g
il
e
h
t
s
e
s
a
e
r
c
n
i
n
i
p
t
u
p
n
i
s
i
h
t
o
t
L
I
O
C
m
o
r
f
,
8
4
1
4
N
1
,
e
d
o
i
d
.
p
m
a
l
L
E
6L
I
O
Cy
r
e
t
t
a
b
e
h
t
o
t
d
e
t
c
e
n
n
o
c
s
i
r
o
t
c
u
d
n
i
f
o
d
n
e
r
e
h
t
O
;
t
u
p
n
i
r
o
t
c
u
d
n
I
72
L
Ep
m
a
l
L
E
o
t
d
e
t
c
e
n
n
o
c
;
t
u
p
t
u
O
r
e
v
i
r
D
L
E
8V
E
E
d
n
u
o
r
g
o
t
d
e
t
c
e
n
n
o
c
y
ll
a
c
i
p
y
t
;
n
o
m
m
o
C
y
l
p
p
u
S
e
g
a
t
l
o
V
h
g
i
H
9V
D
D
l
a
n
i
m
r
e
t
y
r
e
t
t
a
b
e
v
i
t
i
s
o
p
r
o
e
c
r
u
o
s
e
g
a
t
l
o
v
o
t
d
e
t
c
e
n
n
o
c
;
n
i
P
y
l
p
p
u
S
r
e
w
o
P
0
1I
L
N
Et
c
e
l
e
s
y
t
i
s
n
e
t
n
i
t
u
p
t
u
o
p
m
a
L
d
n
a
e
l
b
a
n
E
C
OSC1
V
SS
COIL
SP4416
V
DD
L1
2.7mH/45
Ω
V
DD
EL2
EL1
EL Lamp
8nF
50
Ω
50
Ω
1M
Ω
ENLI
1.8nF
V
BATT
V
DD
C
S
C
OSC2
330pF
IN4148
*
*
*Optional Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com