Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP502 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP502
Description  Multi-Mode Serial Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP502 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP502 Datasheet HTML 6Page - Sipex Corporation SP502 Datasheet HTML 7Page - Sipex Corporation SP502 Datasheet HTML 8Page - Sipex Corporation SP502 Datasheet HTML 9Page - Sipex Corporation SP502 Datasheet HTML 10Page - Sipex Corporation SP502 Datasheet HTML 11Page - Sipex Corporation SP502 Datasheet HTML 12Page - Sipex Corporation SP502 Datasheet HTML 13Page - Sipex Corporation SP502 Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Rev. 7/21/03
SP502 Multi-Mode Serial Transceiver
© Copyright 2003 Sipex Corporation
10
VCC = +5V
–5V
+5V
–5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
–
–
–
–
Figure 4. Charge Pump Phase 3.
VCC = +5V
+10V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
–
–
–
–
Figure 5. Charge Pump Phase 4.
Table 1. SP502 Drivers
Pin Label
Mode:
RS-232
V.35
RS-422
RS-485
RS-449
EIA-530
TDEC
3–TDEC0
0000
0010
1110
0100
0101
1100
1101
SD(a)
tri–state
RS-232
V.35–
RS-422–
RS-485–
RS-422–
RS-422–
SD(b)
tri–state
tri–state
V.35+
RS-422+
RS-485+
RS-422+
RS-422+
TR(a)
tri–state
RS-232
RS-232
RS-422–
RS-485–
RS-422–
RS-422–
TR(b)
tri–state
tri–state
tri–state
RS-422+
RS-485+
RS-422+
RS-422+
RS(a)
tri–state
RS-232
RS-232
RS-422–
RS-485–
RS-422–
RS-422–
RS(b)
tri–state
tri–state
tri–state
RS-422+
RS-485+
RS-422+
RS-422+
RL(a)
tri–state
RS-232
RS-232
RS-422–
RS-485–
RS-423
RS-423
RL(b)
tri–state
tri–state
tri–state
RS-422+
RS-485+
tri–state
tri–state
LL(a)
tri–state
RS-232
RS-232
RS-422–
RS-485–
RS-423
RS-423
LL(b)
tri–state
tri–state
tri–state
RS-422+
RS-485+
tri–state
tri–state
ST(a)
tri–state
RS-232
V.35–
RS-422–
RS-485–
RS-422–
RS-422–
ST(b)
tri–state
tri–state
V.35+
RS-422+
RS-485+
RS-422+
RS-422+
TT(a)
tri–state
RS-232
V.35–
RS-422–
RS-485–
RS-422–
RS-422–
TT(b)
tri–state
tri–state
V.35+
RS-422+
RS-485+
RS-422+
RS-422+
power supplies should provide a power
supply sequence of: +l0V, then +5V, followed
by –l0V.
Drivers
The SP502 has six (6) drivers which can be
programmed in six different modes of opera-
tion. One of the drivers for the SP502 is inter-
nally connected to an internal receiver input to
make up a half-duplex configuration. As shown
in the Mode Diagrams, the driver input of the
half-duplex channel is shared with an adjacent
driver such that when one is active the other is
disabled.
Control for the mode selection is done via a
four–bit control word. The SP502 does not have
a latch; the control word must be externally
latched either high or low to write the appropri-
ate code into the SP502. The drivers are pre-
arranged such that for each mode of operation
the relative position and functionality of the
drivers are set up to accommodate the selected
interface mode. As the mode of the drivers is
changed, the electrical characteristics will change
to support the requirements of clock, data, and
control line signal levels. Table 1 shows a sum-
mary of the electrical characteristics of the driv-
ers in the different interface modes. Unused
driver inputs can be left floating; however, to
ensure a desired state with no input signal, pull–
up resistors to +5V or pull–down resistors to
ground are suggested. Since the driver inputs
are both TTL or CMOS compatible, any value
resistor less than 100k
Ω will suffice.
There are three basic types of driver circuits —
RS-232, RS-423, and RS-485. The RS-232 driv-
ers output a minimum of
±5V level single–ended
signals (with 3k
Ω and 2500pF loading), and
*The ST and TT driver outputs cannot be enabled simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com