Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP502 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP502
Description  Multi-Mode Serial Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP502 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP502 Datasheet HTML 2Page - Sipex Corporation SP502 Datasheet HTML 3Page - Sipex Corporation SP502 Datasheet HTML 4Page - Sipex Corporation SP502 Datasheet HTML 5Page - Sipex Corporation SP502 Datasheet HTML 6Page - Sipex Corporation SP502 Datasheet HTML 7Page - Sipex Corporation SP502 Datasheet HTML 8Page - Sipex Corporation SP502 Datasheet HTML 9Page - Sipex Corporation SP502 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Rev. 7/21/03
SP502 Multi-Mode Serial Transceiver
© Copyright 2003 Sipex Corporation
6
OTHER AC CHARACTERISTICS (continued)
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
DELAY TIME FROM ENABLE MODE TO TRI–STATE MODE
RS-232 (SINGLE–ENDED MODE)
t
PZL; Enable to Output LOW
190
ns
3kΩ pull–up to output
t
PZH; Enable to Output HIGH
130
ns
3kΩ pull–down to output
t
PLZ; Disable from Output LOW
270
ns
5V to input
t
PHZ; Disable from Output HIGH
400
ns
GND to input
RS-422 (DIFFERENTIAL MODE)
t
PZL; Enable to Output LOW
100
ns
3kΩ pull–up to output
t
PZH; Enable to Output HIGH
100
ns
3kΩ pull–down to output
t
PLZ; Disable from Output LOW
130
ns
5V to input
t
PHZ; Disable from Output HIGH
140
ns
GND to input
Notes:
1.
Measured from 2.5V of R
IN to 2.5V of ROUT.
2.
Measured from one–half of R
IN to 2.5V of ROUT.
3.
Measured from 1.5V of T
IN to one–half of TOUT.
4.
Measured from 2.5V of R
O to 0V of A and B.
POWER MATRIX
Mode
Open Input Input to 5V Input to GND AC Signal 5V to Input GND to Input
AC Signal
Conditions
to Input
with Load
with Load
with Load
V.35
20.71mA
21.5mA
20.74mA
28.32mA
58.19mA
55.64mA
73.08mA
With external driver output
1110
termination network;
Input = 0.8V to 2V, 60kHz;
Load = 3kΩ, 2500pF for
RS-232; load = 100Ω for V.35
RS-232
22.53mA
22.41mA
23.15mA
31.54mA
43.74mA
40.96mA
62.47mA
Input = 0.8V to 2V, 60kHz ;
0010
Load = 3kΩ, 2500pF
RS-422
17.93mA
17.83mA
14.13mA
32.92mA
143.47mA
140.65mA
146.55mA
Input = 0.8V to 2V, 2.5MHz;
0100
Load = 100Ω
RS-485
17.82mA
17.74mA
14.07mA
32.85mA
182.93mA
180.71mA
183.65mA
Input 0.8V to 2V, 2.5MHz;
0101
Load = 54Ω
RS-449
19.93mA
19.87mA
17.84mA
23.57mA
134.90mA
131.35mA
131.94mA
Input = 0.8V to 2V, 60kHz;
1100
Load = 450Ω for RS-423;
Load = 100Ω for RS-422
EIA-530
19.85mA
19.83mA
17.82mA
23.54mA
134.90mA
131.25mA
131.78mA
Input = 0.8V to 2V, 60kHz;
1101
Load = 450Ω for RS-423;
Load = 100Ω for RS-422
k;
or
*All Driver Input Common V
CC=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com