Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP502 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP502
Description  Multi-Mode Serial Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP502 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP502 Datasheet HTML 9Page - Sipex Corporation SP502 Datasheet HTML 10Page - Sipex Corporation SP502 Datasheet HTML 11Page - Sipex Corporation SP502 Datasheet HTML 12Page - Sipex Corporation SP502 Datasheet HTML 13Page - Sipex Corporation SP502 Datasheet HTML 14Page - Sipex Corporation SP502 Datasheet HTML 15Page - Sipex Corporation SP502 Datasheet HTML 16Page - Sipex Corporation SP502 Datasheet HTML 17Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13
Rev. 7/21/03
SP502 Multi-Mode Serial Transceiver
© Copyright 2003 Sipex Corporation
the electrical characteristics will change to sup-
port the requirements of clock, data, and control
line receivers. Table 2 shows a summary of the
electrical characteristics of the receivers in the
different interface modes. Unused receiver in-
puts can be left floating without causing oscilla-
tion. To ensure a desired state of the receiver
output, a pull–up resistor of 100k
Ω to +5V
should be connected to the inverting input for a
logic LOW, or the non–inverting input for a
logic high. For single-ended receivers, a pull–
down resistor to ground of 5k
Ω is internally
connected, which will ensure a logic HIGH
output.
There are three basic types of receivers —
RS-232, RS-423, and RS-485. The RS-232
receiver is a single–ended input with a threshold
of 0.8V to 2.4V. The RS-232 receiver has an
operating voltage range of
±15V and can re-
ceive signals up to 120kbps. RS-232 receivers
are used in RS-232 mode for all signal types,
and in V.35 mode for control line signals.
The RS-423 receivers are also single–ended but
have an input threshold as low as
±200mV. The
input impedance is guaranteed to be greater than
4k
Ω, with an operating voltage range of ±7V.
The RS-423 receivers can operate up to 120kbps.
RS-423 receivers are used for the IC signal in
RS-449 and EIA-530 modes, as shown in Table 2.
The third type of receiver supports RS-485,
which is a differential interface mode. The
RS-485 receiver has an input impedance of
15k
Ω and a differential threshold of ±200mV.
Since the characteristics of an RS-422 receiver
are actually subsets of RS-485, the receivers for
RS-422 requirements are identical to the
RS-485 receivers. RS-422 receivers are used in
RS-449 and EIA-530 for receiving clock, data,
and some control line signals. The RS-485
receivers are also used for the V.35 mode. V.35
levels require the
±0.55V signals with a load of
100
Ω. In order to meet the V.35 input imped-
ance of 100
Ω, the external termination network
of Figure 6 must be applied. The threshold of the
V.35 receiver is
±200mV. The V.35 receivers
can operate up to 5Mbps. All of the differential
receivers can receive data up to 5Mbps.
Decoder
The SP502 has the ability to change the inter-
face mode of the drivers or receivers via an 8–bit
switch. The decoder for the drivers and receiv-
ers is not latched; it is merely a combinational
logic switch. The codes shown in Tables 1 and
2 are the only specified, valid modes for the
SP502. Undefined codes may represent other
interface modes not specified or random out-
puts (consult the factory for more information).
The drivers are controlled with the data bits
labeled TDEC
3–TDEC0. The drivers can be put
into tri-state mode by writing 0000 to the driver
decode switch. The receivers are controlled with
data bits RDEC
3–RDEC0; the code 0000 written
to the receivers will place the outputs in an
undetermined state. All receivers, with the ex-
ception of SCT, do not have tri-state capability;
the outputs will either be HIGH or LOW de-
pending upon the state of the receiver input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com