Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP502 Datasheet(PDF) 20 Page - Sipex Corporation

Part # SP502
Description  Multi-Mode Serial Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP502 Datasheet(HTML) 20 Page - Sipex Corporation

Back Button SP502 Datasheet HTML 16Page - Sipex Corporation SP502 Datasheet HTML 17Page - Sipex Corporation SP502 Datasheet HTML 18Page - Sipex Corporation SP502 Datasheet HTML 19Page - Sipex Corporation SP502 Datasheet HTML 20Page - Sipex Corporation SP502 Datasheet HTML 21Page - Sipex Corporation SP502 Datasheet HTML 22Page - Sipex Corporation SP502 Datasheet HTML 23Page - Sipex Corporation SP502 Datasheet HTML 24Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Rev. 7/21/03
SP502 Multi-Mode Serial Transceiver
© Copyright 2003 Sipex Corporation
20
APPLICATION EXAMPLE
The example application that follows is a fully
configured serial I/O channel in a DTE configu-
ration. The example is comprised of the follow-
ing functional elements:
• Processor
• SCC
• SP502
• Mode Select Register (R0[WR])
• RL & LL Control Bit Register (R1[WR])
• RI Status Bit Register (R1[RD])
• Address Decode Logic
• Baud Rate Clock Source
• I/O Connector Interface
Each of the elements of the application example
are described below. Please refer to Figure13.
Processor
The example schematic shows a generic 8-bit
processor connected to a generic SCC. The
processor is also connected to three registers.
The registers are described in further detail
below.
Address Decode Logic
The address decode logic is connected to the
Processor control and address busses and pro-
vides the logic necessary to decode the I/O read
and write operations for the SCC, Mode Select
Register, RL and LL Control Bit Register and
the RI Status Bit Register.
SCC
The SCC provides the I/O functions for a single
serial channel. The SCC is connected to the
Processor I/O bus and is programmed by the
user software. The SCC’s TTL-level serial I/O
pins are connected to the corresponding
TTL-level serial I/O pins on the SP502.
SP502
The SP502 provides buffering and translation
from TTL levels to the selected physical level
interface standard, such as RS-232, V.35, etc.
The physical level interface pins are connected
to a standard 25 pin D-subminiature connector
wired in a DTE configuration with the pin as-
signments corresponding to the EIA-530 speci-
fication. This choice was purely arbitrary. How-
ever, it provides all the necessary signals to
support standards other than EIA-530, such as
V.35, RS-232, RS-449, etc. with an appropriate
cable adapter.
The SP502 driver and receiver modes are inde-
pendently configured by programming the
SP502’s RDEC and TDEC input pins. In the
example, the pins are driven by the Mode Select
Register with a programmed value stored by the
user’s software.
Since the SP502 is shown in a DTE configura-
tion, the example assumes that any synchronous
interface clocking will be provided by the at-
tached DCE device. Consequently, the ST/TT
pin is tied to +5V, thus causing the SP502 to
receive the transmit clock on the TT(a) and
TT(b) input pins and output the transmit clock to
the SCC on the RxT output pin. The receive
clock is input to the SP502 on the RT(a) and
RT(b) pins and output to the SCC on the RxC
pin.
Mode Select Register
The mode select register is an 8-bit latch at-
tached to the Processor data bus. The Processor,
under user-software control, can program the
Mode Select Register with the appropriate val-
ues to select the SP502’s driver and receiver
modes.
The table shown on the schematic below the
register lists the values for programming the
register to drive the RDEC and TDEC pins on
the SP502 for the desired physical level inter-
face. The receivers and drivers can be pro-
grammed independently, but in this example the
Mode Select Register must be programmed with
both the RDEC and TDEC values at the same
time. This is because the RDEC and TDEC pins
are driven from the same 8-bit latch.
Note that selecting modes for TDEC that are
shown in the table as undefined will result in the
drivers operating in an undefined mode and
should not be used. Likewise, selecting modes
for RDEC that are shown in the table as unde-
fined will result in indeterminate logic levels
present on the TTL outputs of the SP502. Unde-
fined RDEC or TDEC values should never be
programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com