Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9601 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP9601
Description  12-Bit, Low Power Voltage Output D/A Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9601 Datasheet(HTML) 1 Page - Sipex Corporation

  SP9601 Datasheet HTML 1Page - Sipex Corporation SP9601 Datasheet HTML 2Page - Sipex Corporation SP9601 Datasheet HTML 3Page - Sipex Corporation SP9601 Datasheet HTML 4Page - Sipex Corporation SP9601 Datasheet HTML 5Page - Sipex Corporation SP9601 Datasheet HTML 6Page - Sipex Corporation SP9601 Datasheet HTML 7Page - Sipex Corporation SP9601 Datasheet HTML 8Page - Sipex Corporation SP9601 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SP9601DS/02
SP9601 12-Bit, Low-Power Voltage Output
© Copyright 2000 Sipex Corporation
1
SP9601
12–Bit, Low Power Voltage Output D/A Converter
s Low Power — 2mW
s Voltage Output, 4.5V range
s Midscale Preset, Zero Volts Out
s 250KHz Multiplying Bandwidth
(4-Quadrant)
s Standard 3-Wire Serial Interface
s 8–pin (0.15") SOIC and Plastic DIP
Packages
s
±5V supply operation
DESCRIPTION…
The SP9601 is a very low power 12-Bit Digital-to-Analog Converter. It features
±4.5V output
swings when using
±5 volt supplies. The converter uses a standard 3–wire serial interface
compatible with SPI™, QSPI™ and Microwire™. The output settling-time is specified at 30
µs. The
SP9601 is available in 8–pin 0.15" SOIC and DIP packages, specified over commercial and
industrial temperature ranges.
DAC
LATCH
Ref In
–
+
VOUT
CS
SDI
SCK
SHIFT
REGISTER
DAC
REGISTER
®


Similar Part No. - SP9601

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP9600 SIPEX-SP9600 Datasheet
166Kb / 9P
12-Bit, Low Power Voltage Output D/A Converter
SP9600AN SIPEX-SP9600AN Datasheet
166Kb / 9P
12-Bit, Low Power Voltage Output D/A Converter
SP9600AS SIPEX-SP9600AS Datasheet
166Kb / 9P
12-Bit, Low Power Voltage Output D/A Converter
SP9600BN SIPEX-SP9600BN Datasheet
166Kb / 9P
12-Bit, Low Power Voltage Output D/A Converter
SP9600BS SIPEX-SP9600BS Datasheet
166Kb / 9P
12-Bit, Low Power Voltage Output D/A Converter
More results

Similar Description - SP9601

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP9500 SIPEX-SP9500 Datasheet
157Kb / 9P
12-Bit, Voltage Output D/A Converter
SP9501 SIPEX-SP9501 Datasheet
159Kb / 9P
12-Bit, Voltage Output D/A Converter
SP9504 SIPEX-SP9504 Datasheet
184Kb / 11P
Quad, 12-Bit, Voltage Output D/A Converter
SP9600 SIPEX-SP9600 Datasheet
166Kb / 9P
12-Bit, Low Power Voltage Output D/A Converter
SP9604 SIPEX-SP9604 Datasheet
185Kb / 11P
Quad, 12-Bit, Low Power Voltage Output D/A Converter
logo
Maxim Integrated Produc...
MAX170 MAXIM-MAX170 Datasheet
453Kb / 12P
Serial Output 5.6us 12-Bit A/D Converter
logo
Sipex Corporation
SP9502 SIPEX-SP9502 Datasheet
230Kb / 11P
Dual, 12-Bit, Voltage Output D/A Converter
SP9602 SIPEX-SP9602 Datasheet
194Kb / 11P
Dual, 12-Bit, Low Power Voltage Output D/A Converter
logo
Analog Devices
DAC210FX AD-DAC210FX Datasheet
1Mb / 4P
11-BIT VOLTAGE-OUTPUT D/A CONVERTER
7/89,Rev.B1
AD370 AD-AD370_15 Datasheet
1Mb / 5P
COMPLETE LOW POWER 12 BIT D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com