Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9604 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP9604
Description  Quad, 12-Bit, Low Power Voltage Output D/A Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9604 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP9604 Datasheet HTML 3Page - Sipex Corporation SP9604 Datasheet HTML 4Page - Sipex Corporation SP9604 Datasheet HTML 5Page - Sipex Corporation SP9604 Datasheet HTML 6Page - Sipex Corporation SP9604 Datasheet HTML 7Page - Sipex Corporation SP9604 Datasheet HTML 8Page - Sipex Corporation SP9604 Datasheet HTML 9Page - Sipex Corporation SP9604 Datasheet HTML 10Page - Sipex Corporation SP9604 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SP9604DS/03
SP9604 Quad, 12-Bit, Low Power Voltage Output D/A Converter
© Copyright 2000 Sipex Corporation
8
Figure 3. Latch Control Options — (a) Semi–Transparent Latch Mode; (b) Fully–Transparent Latch Mode
(a)
(b)
Figure 4. Timing
H
L
H
L
H
L
CLR
XFER
WR2
140ns, t
H
L
H
L
H
L
WR2
CS
WR1
140ns, t
Data Transfer from
Input Register to DAC's
Loads Input Data to
First Set of Latches
WR
XFER
on-reset. Using this feature, the SP9604 can be
configured such that during power-up, the sec-
ond register will be digitally “zeroed”, produc-
ing a zero volt output at each of the four DAC
outputs. This is achieved by powering the unit
up with XFER in a high state. Thus, with no
external circuitry, the SP9604 can be powered up
with the analog outputs at a known, zero volt
output level.
Temporarily forcing all DAC outputs to 0V
Set WR1=1, CS=1, WR2=0, XFER=0. The DAC
registers can be temporarily forced to 1000 0000
0000 by bringing the CLR pin low. This will force
the DAC outputs to 0V, while the CLR pin remains
low. When the CLR pin is brought back high, the
digital code at the DAC registers will again appear
at the DAC's digital inputs, and the analog outputs
will return to their previous values.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VOUT4
VSS
VDD
CLR
REF IN
GND
B1/B2
A0
A1
XFER
WR2
WR1
CS
VOUT1
VOUT3
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
(MSB) DB11
VOUT2
SP9604
+5V –5V
12–Bit
Data
Bus
VOUT4
VOUT3
VOUT1
VOUT2
+3V
Reference
GND
Address
Decode &
Control
DAC Strobe
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VOUT4
VSS
VDD
CLR
REF IN
GND
B1/B2
A0
A1
XFER
WR2
WR1
CS
VOUT1
VOUT3
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
(MSB) DB11
VOUT2
SP9604
+5V –5V
12–Bit
Data
Bus
VOUT4
VOUT3
VOUT1
VOUT2
+3V
Reference
GND
Address
Decode &
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com