Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9604 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP9604
Description  Quad, 12-Bit, Low Power Voltage Output D/A Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9604 Datasheet(HTML) 3 Page - Sipex Corporation

  SP9604 Datasheet HTML 1Page - Sipex Corporation SP9604 Datasheet HTML 2Page - Sipex Corporation SP9604 Datasheet HTML 3Page - Sipex Corporation SP9604 Datasheet HTML 4Page - Sipex Corporation SP9604 Datasheet HTML 5Page - Sipex Corporation SP9604 Datasheet HTML 6Page - Sipex Corporation SP9604 Datasheet HTML 7Page - Sipex Corporation SP9604 Datasheet HTML 8Page - Sipex Corporation SP9604 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SP9604DS/03
SP9604 Quad, 12-Bit, Low Power Voltage Output D/A Converter
© Copyright 2000 Sipex Corporation
3
0
CODE
4095
DNLE, INLE Plots
+0.25 lsb
DNLE
-0.25 lsb
+0.25 lsb
INLE
-0.25 lsb
SPECIFICATIONS (continued)
(Typical @ 25˚C, T
MIN ≤ TA≤TMAX; VDD = +5V, VSS = -5V, VREF = +3V; CMOS logic level digital inputs; specifications apply to all grades unless otherwise noted.)
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
STABILITY
Gain
15
ppm/˚C
t
MIN to tMAX
Bipolar Zero
15
ppm/˚C
t
MIN to tMAX
SWITCHING CHARACTERISTICS
t
DS Data Set Up Time
140
100
ns
to rising edge of WR1
t
DN Data Hold Time
0
ns
Figure 4
t
WR Write Pulse Width
140
100
ns
t
XFER Transfer Pulse Width
140
100
ns
t
WC Total Write Command
280
200
ns
POWER REQUIREMENTS
Note 5
V
DD
+5V, +3%; Note 4, 5
–J, –K
3
4
mA
V
SS
-5V, +3%; Note 4, 5
–J, –K
3
4
mA
Power Dissipation
30
mW
ENVIRONMENTAL AND MECHANICAL
Operating Temperature
-J, -K
0
+70
°C
Storage
-60
+150
°C
Package
-_P
28-pin Plastic DIP
-_S
28-pin SOIC
Notes:
1.
Integral Linearity, for the SP9604, is measured as the arithmetic mean value of the magnitudes of
the greatest positive deviation and the greatest negative deviation from the theoretical value for any
given input condition.
2.
Differential Linearity is the deviation of an output step from the theoretical value of 1 LSB for any two
adjacent digital input codes.
3.
1 LSB = 2*V
REF/4,096.
4.
V
REF = 0V.
5.
The following power up sequence is recommended to avoid latch up: VSS (-5V), VDD (+5V), REF IN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com