Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9604 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP9604
Description  Quad, 12-Bit, Low Power Voltage Output D/A Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9604 Datasheet(HTML) 4 Page - Sipex Corporation

  SP9604 Datasheet HTML 1Page - Sipex Corporation SP9604 Datasheet HTML 2Page - Sipex Corporation SP9604 Datasheet HTML 3Page - Sipex Corporation SP9604 Datasheet HTML 4Page - Sipex Corporation SP9604 Datasheet HTML 5Page - Sipex Corporation SP9604 Datasheet HTML 6Page - Sipex Corporation SP9604 Datasheet HTML 7Page - Sipex Corporation SP9604 Datasheet HTML 8Page - Sipex Corporation SP9604 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SP9604DS/03
SP9604 Quad, 12-Bit, Low Power Voltage Output D/A Converter
© Copyright 2000 Sipex Corporation
4
PIN ASSIGNMENTS
Pin 1 — V
OUT 4 — Voltage Output from DAC4.
Pin 2 — V
SS — –5V Power Supply Input.
Pin 3 — V
DD — +5V Power Supply Input.
Pin 4 — CLR — Clear. Gated with WR2 (pin 11).
Active low. Clears all DAC outputs to 0V.
Pin 5 — REF IN — Reference Input for DACs.
Pin 6 — GND — Ground.
Pin 7 — B1/B2 — Byte 1/Byte 2 — Selects Data
Input Format. A logic “1” on pin 7 selects the 12–bit
mode, and all 12 data bits are presented to the DAC(s)
unchanged;alogic“0”selectsthe8–bitmode,andthe
four LSBs are connected to the four MSBs, allowing
an 8–bit MSB–justified interface.
Pins 8 and 9 — A
0 & A1
— Address for DAC
Selection. A
1/A0 = 0/0 = DAC1; 0/1 = DAC2; 1/0 =
DAC3; 1/1 = DAC4.
Pin 10 — XFER — Transfer. Gated with WR2 (pin
11); loads all DAC registers simultaneously. Active
low.
Pin 11 — WR2 — Write Input 2 — In conjunction
with XFER (pin 10), controls the transfer of data
from the input registers to the DAC registers. In
conjunction with CLR (pin 4), the DAC registers are
forced to 1000 0000 0000 and the DAC outputs will
settle to 0V. Active low.
Pin 12 — WR1 — Write Input1 — In conjunction
with CS (pin 13), enables input register selection, and
controls the transfer of data from the input bus to the
input registers. Active low.
Pin 13 — CS — Chip Select — Enables writing data
to input registers and/or transferring data from input
bus to DAC registers. Active low.
Pin 14 — V
OUT1 — Voltage Output from DAC1.
Pin 15 — V
OUT2 — Voltage Output from DAC2.
Pin 16 — DB
11 — Data Bit 11; Most Significant Bit.
Pin 17 — DB
10 — Data Bit 10.
Pin 18 — DB
9 — Data Bit 9.
Pin 19 — DB
8 — Data Bit 8.
Pin 20 — DB
7 — Data Bit 7.
Pin 21 — DB
6 — Data Bit 6.
Pin 22 — DB
5 — Data Bit 5.
Pin 23 — DB
4 — Data Bit 4.
Pin 24 — DB
3 — Data Bit 3.
Pin 25 — DB
2 — Data Bit 2.
Pin 26 — DB
1 — Data Bit 1.
Pin 27 — DB
0 — Data Bit 0; LSB
Pin 28 — V
OUT3 — Voltage Output from DAC3.
PINOUT — 28–PIN PLASTIC DIP & SOIC
VOUT4
VSS
VDD
CLR
REF IN
GND
B1/B2
A0
A1
XFER
WR2
WR1
CS
VOUT1
VOUT3
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
VOUT2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
SP9604



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com