Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9604 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP9604
Description  Quad, 12-Bit, Low Power Voltage Output D/A Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9604 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP9604 Datasheet HTML 2Page - Sipex Corporation SP9604 Datasheet HTML 3Page - Sipex Corporation SP9604 Datasheet HTML 4Page - Sipex Corporation SP9604 Datasheet HTML 5Page - Sipex Corporation SP9604 Datasheet HTML 6Page - Sipex Corporation SP9604 Datasheet HTML 7Page - Sipex Corporation SP9604 Datasheet HTML 8Page - Sipex Corporation SP9604 Datasheet HTML 9Page - Sipex Corporation SP9604 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SP9604DS/03
SP9604 Quad, 12-Bit, Low Power Voltage Output D/A Converter
© Copyright 2000 Sipex Corporation
6
A
1
A
0
CS
WR1
B1/B2
WR2
XFER
CLR
FUNCTION
0
0
1
1
X
X
Address DAC 1 and load input register
0
0
0
1
X
X
Address DAC 1 and load 4 LSBs
0
1
1
1
X
X
Address DAC 2 and load input register
0
1
0
1
X
X
Address DAC 2 and load 4 LSBs
1
0
1
1
X
X
Address DAC 3 and load input register
1
0
0
1
X
X
Address DAC 3 and load 4 LSBs
1
1
1
1
X
X
Address DAC 4 and load input register
1
1
0
1
X
X
Address DAC 4 and load 4 LSBs
X
X
**
**
X
1
Transfer data from input registers to DAC registers
X
XXXX
1
Sets all DAC output voltages to 0V
X
X
1
1
X
0
0
Temporarily force all DAC output voltages to 0V,
while CLR is low
X
X
1
X
X
X
X
X
Invalid state with any other control line active
X
X
X
1
X
X
X
X
Invalid state with any other control line active
X = Don’t care; ** = Don’t care; however, CS and WR1 = 1 will inhibit changes to the input registers.
To load a 12-bit word to the input register of
each DAC, using an 8-bit data bus, the sequence
is as follows:
1) Set XFER=1, B1/B2=1, CLR=1, WR1=1,
WR2=1, CS=1.
2) Set D11 through D4 to the 8 MSB’s of the
desired digital input code.
3) Load the 8 MSB’s of the digital word to
the selected input register by cycling WR1
and CS through the “1” — “0” — “1”
sequence.
4) Reset B1/B2 from “1” —— “0”
5) Set D11 (MSB) through D8 to the 4 LSB’s
of the digital input code.
6) Load the 4 LSB’s by cycling WR1 and CS
through the “1” — “0” — “1” sequence.
7) Repeat sequence for each input register.
DAC
3 TO 7
DECODE
&
5 BITS
8–BIT
LATCH
4-BIT
LATCH
DB11 - DB8
DB7 - DB4
Ref In
–
+
VOUT
44
44
4
MUX
4
4
4
8
12
DB3 - DB0
LATCH
INPUT
REGISTER
DAC
REGISTER
40 K
Ω 40 KΩ
Figure 1. Detailed Block Diagram (only one DAC shown)
USING THE SP9604 WITH
DOUBLE-BUFFERED INPUTS
Loading Data
To load a 12-bit word to the input register of
each DAC, using a 12-bit data bus, the sequence
is as follows:
1) Set XFER=1, B1/B2=1, CLR=1, WR1=1,
WR2=1, CS=1.
2) Set A
1 and A0 (the DAC address) to the
desired DAC — 0,0 = DAC
1; 0,1 = DAC2
1,0 = DAC
3; 1,1 = DAC4 .
3) Set D11 (MSB) through D0 (LSB) to the
desired digital input code.
4) Load the word to the selected DAC by
cycling WR1 and CS through the follow-
ing sequence:
“1” — “0” — “1”
5) Repeat sequence for each input register.
Table 2. Control Logic Truth Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com