Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Programmer Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # Programmer
Description  Programmable Spread Spectrum Clock Generator for EMI Reduction
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

Programmer Datasheet(HTML) 4 Page - Cypress Semiconductor

  Programmer Datasheet HTML 1Page - Cypress Semiconductor Programmer Datasheet HTML 2Page - Cypress Semiconductor Programmer Datasheet HTML 3Page - Cypress Semiconductor Programmer Datasheet HTML 4Page - Cypress Semiconductor Programmer Datasheet HTML 5Page - Cypress Semiconductor Programmer Datasheet HTML 6Page - Cypress Semiconductor Programmer Datasheet HTML 7Page - Cypress Semiconductor Programmer Datasheet HTML 8Page - Cypress Semiconductor Programmer Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CY25200
Document Number: 38-07633 Rev. *H
Page 4 of 15
Programming Description
Field-Programmable CY25200
The CY25200 is programmed at the package level, and must be
programmed prior to installation on a circuit board. Field
programmable devices are denoted by an “F” in the ordering
code, and are blank when shipped. The CY25200 is Flash
technology based, which allows it to be reprogrammed up to 100
times. This allows for fast and easy design changes and product
updates, and eliminates issues with old and out of date inventory.
Samples and small prototype quantities are programmed on the
CY3672 programmer with the CY3695 socket adapter.
CyberClocks
 Online Software
CyberClocks
 Online Software is a web based software
application that allows the user to custom configure the
CY25200. All the parameters in Table 2 and Table 3 are entered
as variables into the software. CyberClocks Online outputs an
industry standard JEDEC file used for programming the
CY25200.
CyberClocks
Online
is
available
at
www.cyberclocksonline.com website.
Factory-Programmed CY25200
Factory programming by Cypress is available for high volume
orders. All requests must be submitted to the local Cypress Field
Application Engineer (FAE) or sales representative. After the
request is processed, you will receive a new part number,
samples, and data sheet with the programmed values. This part
number is used for additional sample requests and production
orders.
Table 2. Fixed Function Pins
Pin Function
Output Clock Frequency
Input Frequency
CXIN and CXOUT
Spread Percent
Modulation
Frequency
Pin Name
SSCLK[1:6]
XIN and XOUT
XIN and XOUT
SSCLK[1:6]
SSCLK[1:6]
Pin#
7, 8, 9, 12, 14, 15
1 and 16
1 and 16
7, 8, 9, 12, 14, 15
7, 8, 9, 12, 14, 15
Units
MHz
MHz
pF
% and Center- or
Down-spread
kHz
Program Value
CLKSEL = 0
USER SPECIFIED
USER SPECIFIED USER SPECIFIED USER SPECIFIED USER SPECIFIED
Program Value
CLKSEL = 1
USER SPECIFIED
Table 3. Multi-Function Pins
Pin
Function
Output Clock/REFOUT/OE/SSON/CLKSEL
OE/PD#/SSON/CLKSEL
Pin Name
SSCLK5/REFOUT/CP2
SSCLK6/REFOUT/CP3
CP0
CP1
Pin#
14
15
4
10
Units
Function
Function
Function
Function
USER SPECIFIED
USER SPECIFIED
USER SPECIFIED
USER SPECIFIED
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com