Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Programmer Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # Programmer
Description  Programmable Spread Spectrum Clock Generator for EMI Reduction
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

Programmer Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button Programmer Datasheet HTML 7Page - Cypress Semiconductor Programmer Datasheet HTML 8Page - Cypress Semiconductor Programmer Datasheet HTML 9Page - Cypress Semiconductor Programmer Datasheet HTML 10Page - Cypress Semiconductor Programmer Datasheet HTML 11Page - Cypress Semiconductor Programmer Datasheet HTML 12Page - Cypress Semiconductor Programmer Datasheet HTML 13Page - Cypress Semiconductor Programmer Datasheet HTML 14Page - Cypress Semiconductor Programmer Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CY25200
Document Number: 38-07633 Rev. *H
Page 11 of 15
Some product offerings are factory programmed customer specific devices with customized part numbers. The Possible Configura-
tions table shows the available device types, but not complete part numbers. Contact your local Cypress FAE or Sales Representative
for more information.
Possible Configurations
Ordering Code Definitions
Ordering Information
Ordering Code
Package Type
Programming Operating Temperature Range
CY25200KFZXC
16-Pin TSSOP (Pb-free)
Field
Commercial, 0 to 70
C
CY25200KFZXCT
16-Pin TSSOP – Tape and Reel (Pb-free)
Field
Commercial, 0 to 70
C
Programmer
CY3672-USB
Programmer for Field Programmable Devices
N/A
N/A
CY3695
CY22050/CY22150/CY25200 Socket Adapter for
CY3672-USB
N/A
N/A
Ordering Code[5]
Package Type
Programming Operating Temperature Range
CY25200K-ZXCxxxw
16-Pin TSSOP (Pb-free)
Factory
Commercial, 0 to 70
C
CY25200K-ZXCxxxwT
16-Pin TSSOP – Tape and Reel (Pb-free)
Factory
Commercial, 0 to 70
C
T = Tape and Reel; blank = Tube
Custom configuration code (factory programmed device only)
Temperature: C or I or blank; C = commercial; I = industrial
X = Pb-free package
Package: Z = TSSOP; S or blank = SOIC
Programming: F = field programmable; blank = factory programmed
Device part number
Company ID: CY = Cypress
25200K
CY
(Z) X
(T)
(F)
(C) (–xxx)
Table 5. 16-pin TSSOP Package Characteristics
Parameter
Name
Value
Unit
JA
theta JA
115
C/W
Note
5. “xxx” denotes a specific device configuration, and is referred to as the “dash number”. “w” denotes the configuration revision.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com