Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Programmer Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # Programmer
Description  Programmable Spread Spectrum Clock Generator for EMI Reduction
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

Programmer Datasheet(HTML) 1 Page - Cypress Semiconductor

  Programmer Datasheet HTML 1Page - Cypress Semiconductor Programmer Datasheet HTML 2Page - Cypress Semiconductor Programmer Datasheet HTML 3Page - Cypress Semiconductor Programmer Datasheet HTML 4Page - Cypress Semiconductor Programmer Datasheet HTML 5Page - Cypress Semiconductor Programmer Datasheet HTML 6Page - Cypress Semiconductor Programmer Datasheet HTML 7Page - Cypress Semiconductor Programmer Datasheet HTML 8Page - Cypress Semiconductor Programmer Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CY25200
Programmable Spread Spectrum
Clock Generator for EMI Reduction
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-07633 Rev. *H
Revised December 7, 2010
Programmable Spread Spectrum Clock Generator for EMI Reduction
Features
Wide Operating Output (SSCLK) Frequency Range
3 to 200 MHz
Programmable Spread Spectrum with Nominal 31.5 kHz
modulation Frequency
Center Spread: ±0.25% to ±2.5%
Down Spread: –0.5% to –5.0%
Input Frequency Range
External crystal: 8 to 30 MHz fundamental crystals
External reference: 8 to 166 MHz clock
Integrated Phase-Locked Loop (PLL)
Programmable Crystal Load Capacitor Tuning Array
Low Cycle-to-Cycle Jitter
3.3 V Operation with 2.5 V Output Clock Drive Option
Spread Spectrum On and Off Function
Power Down or Output Enable Function
Output Frequency Select Option
Field-Programmable
Package: 16 Pin TSSOP
Description
The CY25200 is a programmable clock generator with spread
spectrum capability. Spread spectrum modulates the output
clock frequency over a small range, spreading the energy and
reducing the energy peak. This is a powerful technique to reduce
EMI in a variety of applications.
It uses either an external reference clock or a crystal for an input.
It also uses a PLL to generate a spread spectrum output clock
that can be a different frequency than the input. Up to six output
clocks are available and up to two of them can be REFCLKs
(copies of the input clock, without spread).
The CY25200 is highly configurable. Programmable variables
include the input and output frequencies, spread percentage,
center spread or down spread, and control pin functions. The
oscillator pin capacitance can also be programmed to match the
load capacitance requirement (CL)of the crystal, eliminating the
need for external capacitors.
Available features include Output Enable, Power Down, Spread
On/Off, Frequency Select, and the option to power some output
clocks at 2.5 V.
Cypress’ web-based CyberClocks Online software is used to
configure the device. Programmability enables fast prototyping,
which is particularly useful when doing EMC testing and
determining the optimal spread settings.
Divider
PLL
SSCLK3
Q
P
VCO
SSCLK2
SSCLK4
SSCLK5/REFOUT/CP2
SSCLK6/REFOUT/CP3
Bank 1
Divider
Bank 2
Output
Select
SSCLK1
Matrix
VDDL
AVSS
AVDD
VSS
VSSL
VDD
CP0
CP1
2
35
13
11
6
410
7
8
9
12
14
15
XIN/CLKIN
OSC.
XOUT
CXIN
1
CXOUT
16
Logic Block Diagram
[+] Feedback


Similar Part No. - Programmer

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PROG-CCCD PANDUIT-PROG-CCCD Datasheet
67Kb / 2P
Easy-Mark Labeling Software
PROG-CCCD PANDUIT-PROG-CCCD Datasheet
213Kb / 1P
P1 Ultimate ID Label Cassette for use with PanTher LS8E and Cougar LS9 Hand-Held Thermal Transfer Printers
PROG-EM2GO PANDUIT-PROG-EM2GO Datasheet
67Kb / 2P
Easy-Mark Labeling Software
PROG-EM2GO PANDUIT-PROG-EM2GO Datasheet
213Kb / 1P
P1 Ultimate ID Label Cassette for use with PanTher LS8E and Cougar LS9 Hand-Held Thermal Transfer Printers
PROG-EMCD3 PANDUIT-PROG-EMCD3 Datasheet
67Kb / 2P
Easy-Mark Labeling Software
More results

Similar Description - Programmer

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25100 CYPRESS-CY25100 Datasheet
279Kb / 11P
Field- and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200 Datasheet
280Kb / 11P
Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
fujitsu semiconductor
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
Spread Spectrum Clock Generator
logo
SpectraLinear Inc
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
Programmable Spread Spectrum Clock Generator (SSCG)
logo
Cypress Semiconductor
CY25000 CYPRESS-CY25000 Datasheet
271Kb / 10P
Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_07 Datasheet
364Kb / 12P
Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25100 CYPRESS-CY25100_08 Datasheet
372Kb / 13P
Field and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_09 Datasheet
380Kb / 11P
Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
SpectraLinear Inc
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
Programmable Spread Spectrum Clock Generator (SSCG)
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
Programmable Spread Spectrum Clock Generator (SSCG)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com