Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Programmer Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # Programmer
Description  Programmable Spread Spectrum Clock Generator for EMI Reduction
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

Programmer Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button Programmer Datasheet HTML 2Page - Cypress Semiconductor Programmer Datasheet HTML 3Page - Cypress Semiconductor Programmer Datasheet HTML 4Page - Cypress Semiconductor Programmer Datasheet HTML 5Page - Cypress Semiconductor Programmer Datasheet HTML 6Page - Cypress Semiconductor Programmer Datasheet HTML 7Page - Cypress Semiconductor Programmer Datasheet HTML 8Page - Cypress Semiconductor Programmer Datasheet HTML 9Page - Cypress Semiconductor Programmer Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CY25200
Document Number: 38-07633 Rev. *H
Page 6 of 15
Spread Percentage (SSCLK1 to SSCLK6 Outputs)
The SSCLK frequency is programmed to a percentage value
from ±0.25% to ±2.5% for center spread and from –0.5% to
–5.0% down spread. The granularity is 0.25%.
Modulation Frequency
The default modulation frequency is 31.5 kHz. Other modulation
frequencies available via the configuration software are 30.1 kHz
and 32.9 kHz.
Figure 3. Using Clock Select, CLKSEL Control Pin Configuration Pinout
Table 4. Using Clock Select, CLKSEL Control Pin
Input Frequency
(MHz)
CLKSEL
(Pin 4)
SSCLK1
(Pin 7)
SSCLK2
(Pin 8)
SSCLK3
(Pin 9)
SSCLK4
(Pin 12)
REFOUT
(Pin 14)
REFOUT
(Pin 15)
14.318
CLKSEL = 0
33.33
33.33
33.33
33.33
14.318
14.318
CLKSEL = 1
66.66
66.66
66.66
66.66
14.318
14.318
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VSS
VSSL
SSON
33.33/66.66 MHz
14.318 MHz
XOUT
VDD
CLKSEL
AVSS
33.33/66.66 MHz
REFOUT(14.318 MHz)
REFOUT(14.318MHz)
AVDD
VDDL
33.33/66.66 MHz
33.33/66.66 MHz
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com