Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Programmer Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # Programmer
Description  Programmable Spread Spectrum Clock Generator for EMI Reduction
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

Programmer Datasheet(HTML) 5 Page - Cypress Semiconductor

  Programmer Datasheet HTML 1Page - Cypress Semiconductor Programmer Datasheet HTML 2Page - Cypress Semiconductor Programmer Datasheet HTML 3Page - Cypress Semiconductor Programmer Datasheet HTML 4Page - Cypress Semiconductor Programmer Datasheet HTML 5Page - Cypress Semiconductor Programmer Datasheet HTML 6Page - Cypress Semiconductor Programmer Datasheet HTML 7Page - Cypress Semiconductor Programmer Datasheet HTML 8Page - Cypress Semiconductor Programmer Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CY25200
Document Number: 38-07633 Rev. *H
Page 5 of 15
Product Functions
Control Pins (CP0, CP1, CP2 and CP3)
Four control signals are available through programming of pins
4, 10, 14, and 15.
CP0 (pin 4) and CP1 (pin10) are specifically designed to function
as control pins. However, pins 14 (SSCLK5/REFOUT/CP2) and
15 (SSCLK6/REFOUT/CP3) are multi-functional and can be
programmed to be either a control signal or an output clock
(SSCLK or REFOUT). All of the control pins, CP0, CP1, CP2,
and CP3 are programmable to one of the following functions:
OE (Output Enable): if OE = 1, all SSCLK and REFOUT outputs
are enabled.
SSON (Spread spectrum control): if SSON = 1, spread is on;
if SSON = 0, spread is off.
CLKSEL (Clock select): frequency select for all SSCLK outputs.
PD# (Power Down; active low): if PD# = 0, all the outputs are
three-stated and the part enters a low power state.
Note that the PD# function is available only on CP0 or CP1; it is
not available on CP2 or CP3.
Example
Here is an example with three control pins:
CLKIN = 33 MHz
SSCLK1/2/3/4 = 100 MHz with ±1% spread
SSCLK 5 = REFOUT(33 MHz)
CP0 (pin 4) = PD#
CP1 (pin 10) = OE
CP3 (pin 15) = SSON
The pinout for the above example is shown in Figure 2.
Figure 2. Example Pin Diagram
CLKSEL
The CLKSEL control pin enables you to select between two
different SSCLK output frequencies. These must be related
frequencies that are derived off of a common PLL frequency.
Specifically, CLKSEL does not change the PLL frequency. It only
changes the output divider. For instance, 33.333 MHz and
66.666 MHz are both derived from a PLL frequency of 400 MHz,
by dividing it down by 12 and 6 respectively. Table 4 on page 6
shows an example of how this is implemented. The PLL
frequency range is 100 to 400 MHz. The two output dividers in
the CY25200 can be any integer between 2 and 130, providing
two different but related frequencies as explained above.
Table 4 on page 6 and Figure 3 on page 6 show an example
configuration using the frequencies just described. In this
example, the configurable pins SSCLK5 (pin 14) and SSCLK6
(pin 15) are used as output clocks.
Input Frequency (XIN, Pin 1 and XOUT, Pin 16)
The input to the CY25200 is a crystal or a clock. The input
frequency range for crystals is 8 to 30 MHz, and for clock signal
is 8 to 166 MHz.
CXIN and CXOUT (Pin 1 and Pin 16)
The CY25200 has internal load capacitors at pin 1 (CXIN) and
pin 16 (CXOUT). CXIN always equals CXOUT, and they are
programmable from 12 pF to 60 pF, in 0.5 pF increments. This
feature eliminates the need for external crystal load capacitors.
The following formula is used to calculate the value of CXIN and
CXOUT for matching the crystal load (CL):
CXIN = CXOUT = 2CL – CP
Where CL is the crystal load capacitor as specified by the crystal
manufacturer and CP is the parasitic PCB capacitance on each
node of the crystal.
For example, if a crystal with CL of 16 pF is used, and CP is 2 pF,
CXIN and CXOUT is calculated as:
CXIN = CXOUT = (2 × 16) – 2 = 30 pF.
If using a driven reference clock, set CXIN and CXOUT to the
minimum value 12 pF, connect the reference to XIN/CLKIN, and
leave XOUT unconnected.
Output Frequency (SSCLK1 through SSCLK6
Outputs)
All the SSCLK outputs are produced by synthesizing the input
reference frequency using a PLL and modulating the VCO
frequency. SSCLK[1:4] are fixed function output clocks (SSCLK).
SSCLK5 and SSCLK6 are also programmable to function the
same as SSCLK[1:4], or as buffered copies of the input reference
(REFOUT), or as control pin as discussed in Control Pins (CP0,
CP1, CP2 and CP3). To use the 2.5 V output drive option on
SSCLK[1:4], VDDL must be connected to a 2.5 V power supply
(SSCLK[1:4] outputs are powered by VDDL). When using the
2.5 V output drive option, the maximum output frequency on
SSCLK[1:4] is 166 MHz.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VSS
VSSL
OE
100MHz
33.0MHz
NC
VDD
PD#
AVSS
100MHz
SSON
REFOUT(33.0MHz)
AVDD
VDDL
100MHz
100MHz
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com