Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Programmer Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # Programmer
Description  Programmable Spread Spectrum Clock Generator for EMI Reduction
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

Programmer Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button Programmer Datasheet HTML 5Page - Cypress Semiconductor Programmer Datasheet HTML 6Page - Cypress Semiconductor Programmer Datasheet HTML 7Page - Cypress Semiconductor Programmer Datasheet HTML 8Page - Cypress Semiconductor Programmer Datasheet HTML 9Page - Cypress Semiconductor Programmer Datasheet HTML 10Page - Cypress Semiconductor Programmer Datasheet HTML 11Page - Cypress Semiconductor Programmer Datasheet HTML 12Page - Cypress Semiconductor Programmer Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CY25200
Document Number: 38-07633 Rev. *H
Page 9 of 15
Absolute Maximum Rating
Supply Voltage (VDD)...................................... –0.5 to +7.0 V
DC Input Voltage ................................. –0.5 V to VDD + 0.5 V
Storage Temperature (non-condensing) ... –55
C to +125 C
Junction Temperature .............................. –40
C to +125 C
Data Retention at Tj = 125
C ...............................> 10 years
Package Power Dissipation...................................... 350 mW
Static Discharge Voltage......................................... > 2000 V
(per MIL-STD-883, Method 3015)
Recommended Crystal Specifications
Parameter
Description
Comments
Min
Typ
Max
Unit
FNOM
Nominal Crystal Frequency
Parallel resonance, fundamental
mode, AT cut
8–
30
MHz
CLNOM
Nominal Load Capacitance
Internal load caps
6
30
pF
R1
Equivalent Series Resistance
(ESR)
Fundamental mode
25
R3/R1
Ratio of Third Overtone Mode
ESR to Fundamental Mode ESR
Ratio used because typical R1 values
are much less than the maximum
specification
3–
DL
Crystal Drive Level
No external series resistor assumed
0.5
2
mW
Recommended Operating Conditions
Parameter
Description
Min
Typ
Max
Unit
VDD
Operating Voltage
3.135
3.3
3.465
V
VDDLHI
Operating Voltage
3.135
3.3
3.465
V
VDDLLO
Operating Voltage
2.375
2.5
2.625
V
TAC
Ambient Commercial Temp
0
70
C
CLOAD
Maximum Load Capacitance VDD/VDDL = 3.3 V
15
pF
CLOAD
Maximum Load Capacitance VDDL = 2.5 V
15
pF
FSSCLK-HighVoltage SSCLK1/2/3/4/5/6 when VDD = AVDD = VDDL = 3.3 V
3
200
MHz
FSSCLK-LowVoltage SSCLK1/2/3/4 when VDD = AVDD = 3.3 V and VDDL = 2.5 V
3
166
MHz
REFOUT
REFOUT when VDD = AVDD = 3.3 V and VDDL = 3.3 V or 2.5 V
8
166
MHz
fREF1
Clock Input
8
166
MHz
fREF2
Crystal Input
8
30
MHz
tPU
Power up time for all VDDs to reach minimum specified voltage (power
ramps must be monotonic)
0.05
500
ms
DC Electrical Specifications
Parameter[2]
Name
Description
Min
Typ
Max
Unit
IOH3.3
Output High Current
VOH = VDD – 0.5 V, VDD/VDDL = 3.3 V
12
24
mA
IOL3.3
Output Low Current
VOL = 0.5 V, VDD/VDDL = 3.3 V
12
24
mA
IOH2.5
Output High Current
VOH = VDDL – 0.5 V, VDDL = 2.5 V
8
16
mA
IOL2.5
Output Low Current
VOL = 0.5 V, VDDL = 2.5 V
8
16
mA
VIH
Input High Voltage
CMOS levels, 70% of VDD
0.7
1.0
VDD
VIL
Input Low Voltage
CMOS levels, 30% of VDD
0–
0.3
VDD
IVDD[3]
Supply Current
AVDD/VDD Current
33
mA
IVDDL2.5[3]
Supply Current
VDDL Current (VDDL = 2.625 V)
20
mA
IVDDL3.3[3]
Supply Current
VDDL Current (VDDL = 3.465 V)
26
mA
IDDS
Power Down Current
VDD = VDDL = AVDD = 3.465 V
50
A
IOHZ
IOLZ
Output Leakage
VDD = VDDL = AVDD = 3.465 V
10
A
Notes
2. Not 100% tested, guaranteed by design.
3. IVDD currents specified for SSCLK1/2/3/4/5/6 = 33.33 MHz with CLKIN = 14.318 MHz and 15 pF on all the output clocks.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com