Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Programmer Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # Programmer
Description  Programmable Spread Spectrum Clock Generator for EMI Reduction
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

Programmer Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button Programmer Datasheet HTML 6Page - Cypress Semiconductor Programmer Datasheet HTML 7Page - Cypress Semiconductor Programmer Datasheet HTML 8Page - Cypress Semiconductor Programmer Datasheet HTML 9Page - Cypress Semiconductor Programmer Datasheet HTML 10Page - Cypress Semiconductor Programmer Datasheet HTML 11Page - Cypress Semiconductor Programmer Datasheet HTML 12Page - Cypress Semiconductor Programmer Datasheet HTML 13Page - Cypress Semiconductor Programmer Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CY25200
Document Number: 38-07633 Rev. *H
Page 10 of 15
AC Electrical Specifications
Parameter
Description
Condition
Min
Typ
Max
Unit
DC
Output Duty Cycle
SSCLK, Measured at VDD/2
45
50
55
%
Output Duty Cycle
REFCLK, Measured at VDD/2
Duty Cycle of CLKIN = 50%.
40
50
60
%
SR1
Rising/Falling Edge Slew Rate SSCLK1/2/3/4 < 100 MHz, VDD = VDDL = 3.3 V
0.6
2.0
V/ns
SR2
Rising/Falling Edge Slew Rate SSCLK1/2/3/4
100 MHz, VDD = VDDL = 3.3 V
0.8
3.5
V/ns
SR3
Rising/Falling Edge Slew Rate SSCLK1/2/3/4 < 100 MHz, VDD = VDDL = 2.5 V
0.5
2.2
V/ns
SR4
Rising/Falling Edge Slew Rate SSCLK1/2/3/4
100 MHz, VDD = VDDL = 2.5 V
0.6
3.0
V/ns
SR5
Rising/Falling Edge Slew Rate SSCLK5/6 < 100 MHz, VDD = VDDL = 3.3 V
0.6
1.9
V/ns
SR6
Rising/Falling Edge Slew Rate SSCLK5/6
100 MHz, VDD = VDDL = 3.3 V
1.0
2.9
V/ns
TCCJ1
Cycle-to-Cycle Jitter
SSCLK1/2/3/4
CLKIN = SSCLK1/2/3/4 = 166 MHz, ±2% spread and
SSCLK5/6 = REFOUT, VDD = VDDL = 3.3 V
––
110
ps
CLKIN = SSCLK1/2/3/4 = 66.66 MHz, ±2% spread
and SSCLK5/6 = REFOUT, VDD = VDDL = 3.3 V
170
ps
CLKIN = SSCLK1/2/3/4 = 33.33 MHz, ±2% spread
and SSCLK5/6 = REFOUT, VDD = VDDL = 3.3 V
140
ps
CLKIN = SSCLK1/2/3/4 = 14.318 MHz, ±2% spread
and SSCLK5/6 = REFOUT, VDD = VDDL = 3.3 V
290
ps
TCCJ2
Cycle-to-Cycle Jitter
SSCLK5/6=REFOUT
CLKIN = SSCLK1/2/3/4 = 166 MHz, ±2% spread and
SSCLK5/6 = REFOUT, VDD = VDDL = 3.3 V
100
ps
CLKIN = SSCLK1/2/3/4 = 66.66 MHz, ±2% spread
and SSCLK5/6 = REFOUT, VDD = VDDL = 3.3 V
120
ps
CLKIN = SSCLK1/2/3/4 = 33.33 MHz, ±2% spread
and SSCLK5/6 = REFOUT, VDD = VDDL = 3.3 V
180
ps
CLKIN = SSCLK1/2/3/4 = 14.318 MHz, ±2% spread
and SSCLK5/6 = REFOUT, VDD = VDDL = 3.3 V
180
ps
TCCJ3
Cycle-to-Cycle Jitter
SSCLK1/2/3/4
CLKIN = SSCLK1/2/3/4 = 166 MHz, ±2% spread and
SSCLK5/6 = REFOUT, VDD = 3.3 V, VDDL = 2.5 V
––
110
ps
CLKIN = SSCLK1/2/3/4 = 66.66 MHz, ±2% spread
and SSCLK5/6 = REFOUT, VDD = 3.3 V, VDDL = 2.5 V
170
ps
CLKIN = SSCLK1/2/3/4 = 33.33 MHz, ±2% spread
and SSCLK5/6 = REFOUT, VDD = 3.3 V, VDDL = 2.5 V
190
ps
CLKIN = SSCLK1/2/3/4 = 14.318 MHz, ±2% spread
and SSCLK5/6 = REFOUT, VDD = 3.3 V, VDDL = 2.5 V
330
ps
TSTP
Power Down Time
Time from falling edge on PD# to stopped outputs
(Asynchronous)
150
300
ns
TOE1
Output Disable Time
Time from falling edge on OE to stopped outputs
(Asynchronous)
150
300
ns
TOE2
Output Enable Time
Time from rising edge on OE to outputs at a valid
frequency (Asynchronous)
150
300
ns
FMOD
Spread Spectrum Modulation
Frequency
SSCLK1/2/3/4/5/6
30.0
31.5
33.0
kHz
TPU1
Power Up Time,
Crystal is used
Time from rising edge on PD# to outputs at valid
frequency (Asynchronous)
–3
5
ms
TPU2
Power Up Time,
Reference clock is used
Time from rising edge on PD# to outputs at valid
frequency (Asynchronous)
–2
3
ms
TSKEW[4]
Clock Skew
Output to output skew between related clock outputs.
Measured at VDD/2.
250
ps
Note
4. Skew and phase alignment is guaranteed within all SSCLK outputs and within both REFOUT outputs. All SSCLK outputs are related, and all REOUT outputs are
related, but SSCLK and REFOUT outputs are not related to each other.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com