Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Programmer Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # Programmer
Description  Programmable Spread Spectrum Clock Generator for EMI Reduction
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

Programmer Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button Programmer Datasheet HTML 7Page - Cypress Semiconductor Programmer Datasheet HTML 8Page - Cypress Semiconductor Programmer Datasheet HTML 9Page - Cypress Semiconductor Programmer Datasheet HTML 10Page - Cypress Semiconductor Programmer Datasheet HTML 11Page - Cypress Semiconductor Programmer Datasheet HTML 12Page - Cypress Semiconductor Programmer Datasheet HTML 13Page - Cypress Semiconductor Programmer Datasheet HTML 14Page - Cypress Semiconductor Programmer Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
CY25200
Document Number: 38-07633 Rev. *H
Page 14 of 15
Document History Page
Document Title: CY25200 Programmable Spread Spectrum Clock Generator for EMI Reduction
Document Number: 38-07633
REV.
ECN NO.
Orig. of
Change
Submission
Date
Description of Change
**
204243
RGL
See ECN
New data sheet
*A
220043
RGL
See ECN
Minor Change: Corrected letter assignment in the ordering info for Pb free.
*B
267832
RGL
See ECN
Added Field Programmable Devices and Functionality
*C
291094
RGL
See ECN
Added tSKEW spec. and footnote
*D
1821908
DPF/AESA
See ECN
Corrected FSSCLK-Low Voltage specification on page 7 for SSCLK5/6 to
SSCLK1/2/3/4, as SSCLK5/6 output does not operate at low voltage.
Deleted Tccj4 on page 8 for the same reason as above
*E
2442066
KVM/AESA
See ECN
Updated template. Added Note “Not recommended for new designs.”
Added part number CY25200KZXC_XXXW, CY25200KZXC_XXXWT,
CY25200KFZXC in ordering information table. Changed package name to
ZZ16.
*F
2758387
KVM/AESA
09/01/2009
Extensive text edits
Replaced Benefits column on page 1 with Description
Revised Table 2 and Table 3 for clarity
Revised the Modulation Frequency paragraph to align with actual software
options and to delete mention of custom frequencies
Corrected 3.3V IOL and IOH values,
Filled in missing units in AC Electrical table
Revised TSKEW footnote for clarity
Removed specific PD# and OE pin nos. from parameters TSTP, TOE1 and TOE2
Standardized timing parameter names to upper case
Corrected part numbers in Ordering Information Table
Removed part number CY25200FZXCT
Added part number CY25200KFZXCT
Replaced CY3672 and CY3672-PRG with CY3672-USB
*G
2897246
KVM
03/22/10
Removed inactive parts from Ordering Information table. Added note regarding
possible configurations in Ordering Information section. Removed Note 6.
Added Possible Configurations table.
Updated Package Drawing and Dimensions.
*H
3103982
BASH
07/12/2010
Added Ordering Code Definitions.
Updated Package Drawing and Dimensions.
Added Acronyms and Units of Measure.
Minor edits and updated in new template.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com