Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS0H474ZF Datasheet(PDF) 20 Page - NEC

Part # FS0H474ZF
Description  Super Capacitors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FS0H474ZF Datasheet(HTML) 20 Page - NEC

Back Button FS0H474ZF Datasheet HTML 16Page - NEC FS0H474ZF Datasheet HTML 17Page - NEC FS0H474ZF Datasheet HTML 18Page - NEC FS0H474ZF Datasheet HTML 19Page - NEC FS0H474ZF Datasheet HTML 20Page - NEC FS0H474ZF Datasheet HTML 21Page - NEC FS0H474ZF Datasheet HTML 22Page - NEC FS0H474ZF Datasheet HTML 23Page - NEC FS0H474ZF Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2010.11.8 9565SCAVOL12E
20 Super Capacitors Vol.12
d1 ± 0.1
P ± 0.5
Sleeve
D ± 0.5
d2 ± 0.1
(Terminal)
○
+
○
−
A1
001
A1
FG
FG
5.5 V
5.5 V
0.22 F
0.22 F
Negative polarity
identification mark
Super Capacitor
MAX
operating
voltage
Nominal
capacitance
Date
code
Serial
number
6.3 FG Series
Dimensions
Markings on sleeve
FG Type
Specifications
Part Number
MAX
operating
voltage
(
Vdc)
Nominal capacitance
MAX ESR
(
at 1 kHz)
(Ω)
MAX
current at
30 min.
(
mA)
Voltage
holding
characteristics
(
V)
Dimension (unit:mm)
Weight
(
g)
φ
DH
P
ℓ
d1
d2
Charge
system (F)
Discharge
system (F)
FG0H103ZF
5.5
0.010
0.013
300
0.015
4.2
11.0
5.5
5.08
2.7
0.2
1.2
0.9
FG0H223ZF
5.5
0.022
0.028
200
0.033
4.2
11.0
5.5
5.08
2.7
0.2
1.2
1.0
FG0H473ZF
5.5
0.047
0.060
200
0.071
4.2
11.0
5.5
5.08
2.7
0.2
1.2
1.0
FG0H104ZF
5.5
0.10
0.13
100
0.15
4.2
11.0
6.5
5.08
2.7
0.2
1.2
1.3
FG0H224ZF
5.5
0.22
0.28
100
0.33
4.2
13.0
9.0
5.08
2.2
0.4
1.2
2.5
FG0H474ZF
5.5
0.47
0.60
120
0.71
4.2
14.5
18.0
5.08
2.4
0.4
1.2
5.1
FG0H105ZF
5.5
1.0
1.3
65
1.5
4.2
16.5
19.0
5.08
2.7
0.4
1.2
7.0
FG0H225ZF
5.5
2.2
2.8
35
3.3
4.2
21.5
19.0
7.62
3.0
0.6
1.2
12.1
FG0H475ZF
5.5
4.7
6.0
35
7.1
4.2
28.5
22.0
10.16
6.1
0.6
1.4
27.3
FG0V155ZF
3.5
1.5
2.2
65
1.5
−
16.5
14.0
5.08
3.1
0.4
1.2
5.2
FGH Type
Specifications
Part Number
MAX
operating
voltage
(
Vdc)
Nominal capacitance MAX ESR
(
at 1 kHz)
(Ω)
MAX
current at
30 min.
(
mA)
Voltage
holding
characteristics
(
V)
Dimension (unit:mm)
Weight
(
g)
φ
DH
P
ℓ
d1
d2
Charge
system (F)
Discharge
system (F)
FGH0H104ZF
5.5
−
0.10
100
0.15
4.2
11.0
5.5
5.08
2.7
0.2
1.2
1.0
FGH0H224ZF
5.5
−
0.22
100
0.33
4.2
11.0
7.0
5.08
2.7
0.2
1.2
1.3
FGH0H474ZF
5.5
−
0.47
65
0.71
4.2
16.5
8.0
5.08
2.7
0.4
1.2
4.1
FGH0H105ZF
5.5
−
1.0
35
1.5
4.2
21.5
9.5
7.62
3.0
0.6
1.2
7.2
FGR Type
Specifications
Part Number
MAX
operating
voltage
(
Vdc)
Nominal capacitance MAX ESR
(
at 1 kHz)
(Ω)
MAX
current at
30 min.
(
mA)
Voltage
holding
characteristics
(
V)
Dimension (unit:mm)
Weight
(
g)
φ
DH
P
ℓ
d1
d2
Charge
system (F)
Discharge
system (F)
FGR0H474ZF
5.5
0.47
0.60
120
0.71
4.2
14.5
18.0
5.08
2.4
0.4
1.2
5.1
FGR0H105ZF
5.5
1.0
1.3
65
1.5
4.2
16.5
19.0
5.08
2.7
0.4
1.2
7.0
FGR0H225ZF
5.5
2.2
2.8
35
3.3
4.2
21.5
19.0
7.62
3.0
0.6
1.2
12.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com