Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS0H474ZF Datasheet(PDF) 4 Page - NEC

Part # FS0H474ZF
Description  Super Capacitors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FS0H474ZF Datasheet(HTML) 4 Page - NEC

  FS0H474ZF Datasheet HTML 1Page - NEC FS0H474ZF Datasheet HTML 2Page - NEC FS0H474ZF Datasheet HTML 3Page - NEC FS0H474ZF Datasheet HTML 4Page - NEC FS0H474ZF Datasheet HTML 5Page - NEC FS0H474ZF Datasheet HTML 6Page - NEC FS0H474ZF Datasheet HTML 7Page - NEC FS0H474ZF Datasheet HTML 8Page - NEC FS0H474ZF Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2010.11.8 9565SCAVOL12E
4 Super Capacitors Vol.12
1. Organization of Super Capacitor Series
For automatic
mounting
(
SMD)
(
embossad taping)
−
25 to 70℃
guaranteed
mA order
back-up
μ
A order
back-up
−
40 to 85℃
guaranteed
For automatic
mounting
(
radial taping)
Can Case type
(
self-supporting Type)
FC
series
3.5 to 5.5V
FM
series
3.5 to 6.5V
FG
series
3.5 to 5.5V
FY
series
3.5 to 5.5V
FR
series
5.5V
FS
series
5.5 to 11V
FE
series
5.5V
FA
series
5.5 to 11V
HV
series
2.7V
10 to 100F
FT
series
5.5V
FGR
Type
5.5V
FME
FML
Type
5.5V
FMR
Type
3.5 to 5.5V
−
40 to 85℃
guaranteed
For A order
current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com