Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS0H474ZF Datasheet(PDF) 14 Page - NEC

Part # FS0H474ZF
Description  Super Capacitors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FS0H474ZF Datasheet(HTML) 14 Page - NEC

Back Button FS0H474ZF Datasheet HTML 10Page - NEC FS0H474ZF Datasheet HTML 11Page - NEC FS0H474ZF Datasheet HTML 12Page - NEC FS0H474ZF Datasheet HTML 13Page - NEC FS0H474ZF Datasheet HTML 14Page - NEC FS0H474ZF Datasheet HTML 15Page - NEC FS0H474ZF Datasheet HTML 16Page - NEC FS0H474ZF Datasheet HTML 17Page - NEC FS0H474ZF Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2010.11.8 9565SCAVOL12E
14 Super Capacitors Vol.12
Specifications
5.5V Type
Part Number
MAX
operating
voltage
(
Vdc)
Nominal
capacitance
MAX ESR
(
at 1 kHz)
(Ω)
MAX current
at 30 min.
(
mA)
Voltage
holding
characteristics
(
V)
T
(
mm)
Weight
(
g)
Bulk
Ammo pack
Charge
system(F)
Discharge
system(F)
FM0H103ZF
FM0H103ZFTP( )
5.5
0.01
0.014
300
0.015
4.2
5.0
1.3
FM0H223ZF
FM0H223ZFTP( )
5.5
0.022 0.028
200
0.033
4.2
5.0
1.3
FM0H473ZF
FM0H473ZFTP( )
5.5
0.047
0.06
200
0.071
4.2
5.0
1.3
FM0H104ZF
FM0H104ZFTP( )
5.5
0.10
0.13
100
0.15
4.2
6.5
1.6
FM0H224ZF
FM0H224ZFTP( )
5.5
−
0.22
100
0.33
4.2
6.5
1.6
To complete the part number, insert lead length (16mm or 18mm) in to the "( )"
3.5V Type
Part Number
MAX operating
voltage
(
Vdc)
Nominal
capacitance
MAX ESR
(
at 1 kHz)
(Ω)
MAX current at
30 min.
(
mA)
T
(
mm)
Weight
(
g)
Bulk
Ammo pack
Charge
system(F)
Discharge
system(F)
FM0V473ZF
FM0V473ZFTP( )
3.5
0.047
0.06
200
0.042
5.0
1.3
FM0V104ZF
FM0V104ZFTP( )
3.5
0.10
0.13
100
0.090
5.0
1.3
FM0V224ZF
FM0V224ZFTP( )
3.5
0.22
0.30
100
0.20
6.5
1.6
To complete the part number, insert lead length (16mm or 18mm) in to the "( )"
6.5V Type
Part Number
MAX operating
voltage
(
Vdc)
Nominal
capacitance
MAX ESR
(
at 1 kHz)
(Ω)
MAX current at
30 min.
(
mA)
T
(
mm)
Weight
(
g)
Bulk
Ammo pack
Charge
system(F)
Discharge
system(F)
FM0J473ZF
FM0J473ZFTP( )
6.5
0.047
0.062
200
0.071
6.5
1.6
To complete the part number, insert lead length (16mm or 18mm) in to the "( )"
FME, FML Type (Buckup Large Current, mA Order)
Part Number
MAX operating
voltage
(
Vdc)
Nominal
capacitance
MAX ESR
(
at 1 kHz)
(Ω)
MAX current at
30 min.
(
mA)
T
(
mm)
Weight
(
g)
Bulk
Ammo pack
Charge
system(F)
Discharge
system(F)
FME0H223ZF FME0H223ZFTP( )
5.5
0.022
0.028
40
0.033
5.0
1.3
FME0H473ZF FME0H473ZFTP( )
5.5
0.047
0.06
20
0.071
5.0
1.3
FML0H333ZF FML0H333ZFTP( )
5.5
0.033
6.5
0.050
5.0
1.3
To complete the part number, insert lead length (16mm or 18mm) in to the "( )"
FMR Type (MAX Operating Temperature 85 ℃ Type)
Part Number
MAX
operating
voltage
(
Vdc)
Nominal
capacitance
MAX ESR
(
at 1 kHz)
(Ω)
MAX current
at 30 min.
(
mA)
Voltage
holding
characteristics
(
V)
T
(
mm)
Weight
(
g)
Bulk
Ammo pack
Charge
system(F)
Discharge
system(F)
FMR0H473ZF FMR0H473ZFTP( )
5.5
0.047 0.062
200
0.071
4.2
6.5
1.6
FMR0H104ZF FMR0H104ZFTP( )
5.5
0.10
50
0.15
4.2
6.5
1.6
FMR0V104ZF FMR0V104ZFTP( )
3.5
0.10
50
0.090
−
6.5
1.6
To complete the part number, insert lead length (16mm or 18mm) in to the "( )"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com