Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS0H474ZF Datasheet(PDF) 16 Page - NEC

Part # FS0H474ZF
Description  Super Capacitors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FS0H474ZF Datasheet(HTML) 16 Page - NEC

Back Button FS0H474ZF Datasheet HTML 12Page - NEC FS0H474ZF Datasheet HTML 13Page - NEC FS0H474ZF Datasheet HTML 14Page - NEC FS0H474ZF Datasheet HTML 15Page - NEC FS0H474ZF Datasheet HTML 16Page - NEC FS0H474ZF Datasheet HTML 17Page - NEC FS0H474ZF Datasheet HTML 18Page - NEC FS0H474ZF Datasheet HTML 19Page - NEC FS0H474ZF Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2010.11.8 9565SCAVOL12E
16 Super Capacitors Vol.12
Taping Specification [except FMC0H334ZFTP( )]
P2
P1
P0
D 0
W4
t3
t1
t2
F
H
c
h
b
P
Δ
−+
−+
(
Unit:mm)
Item
Symbol
Value
Tolerance
Remarks
Component Height
a
11.5
±
0.5
Component Width
b
10.5
±
0.5
Component Thickness
c
−±
0.5
5.5 V type : 5.0/0.010F to 0.047F, 6.5/0.047F
3.5 V type : 5.0/0.047F to 0.10F, 6.5/0.22F
FME type : 5.0/0.022F to 0.047F
FML type : 5.0/0.033F
6.5 V type : 6.5/0.047F, 0.10F
FMR type : 6.5/0.047F
FMC type : 5.0/0.047F, 6.5/0.10F
Lead-wire Width
W4
0.5
±
0.1
Lead-wire Thickness
t3
0.4
±
0.1
Pitch between Component
P
12.7
±
1.0
Sprocket Hole Pitch
P0
12.7
±
0.3
Sprocket Hole to Lead
P1
3.85
±
0.7
〃
P2
6.35
±
1.3
Lead Spacing
F
5.0
±
0.5
Component Alignment
Δh
2.0 Max.
−
Including tilting caused by bending lead wire.
Tape Width
W
18.0
+
1.0
−
0.5
Hold-down tape Width
W0
12.5 Min.
−
Sprocket Hole Position
W1
9.0
±
0.5
Hold-down Tape Position
W2
3.0 Max.
−
No protrusion of tape.
Component's Bottom Line Position
H
16.0
±
0.5
〃
18.0
±
0.5
Sprocket Hole Diameter
D0
φ
4.0
±
0.2
Total tape Thickness
t1
0.7
±
0.2
〃
t2
1.5 Max.
−
Defect Component Cut-off Position
L
11.0 Max.
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com