Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSB44-2R2 Datasheet(PDF) 59 Page - NEC

Part # SSB44-2R2
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SSB44-2R2 Datasheet(HTML) 59 Page - NEC

Back Button SSB44-2R2 Datasheet HTML 55Page - NEC SSB44-2R2 Datasheet HTML 56Page - NEC SSB44-2R2 Datasheet HTML 57Page - NEC SSB44-2R2 Datasheet HTML 58Page - NEC SSB44-2R2 Datasheet HTML 59Page - NEC SSB44-2R2 Datasheet HTML 60Page - NEC SSB44-2R2 Datasheet HTML 61Page - NEC SSB44-2R2 Datasheet HTML 62Page - NEC SSB44-2R2 Datasheet HTML 63Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 104 page
background image
Power Inductors VOL.10
59
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
SMD Type
(5.8)
(0.8)
(1.15)
(4.1)
5.0
±0.3
1.8
±0.2
Shape and Dimensions
4.0
6.0
Recommended Land Pattern
[mm]
[mm]
H
・DI-0520-100
10
±20%
0.16
0.90
H
・DI-0520-150
15
±20%
0.26
0.70
H
・DI-0520-220
22
±20%
0.32
0.60
H
・DI-0520-330
33
±20%
0.54
0.40
H
・DI-0520-470
47
±20%
0.64
0.40
H
・DI-0520-1R2
1.2
±30%
0.035
3.40
H
・DI-0520-2R2
2.2
±30%
0.048
2.60
H
・DI-0520-3R3
3.3
±30%
0.062
2.00
H
・DI-0520-4R7
4.7
±30%
0.09
1.80
H
・DI-0520-6R8
6.8
±30%
0.14
1.40
H
・DI-0520-680
68
±20%
1.07
0.30
H
・DI-0520-101
100
±20%
1.87
0.20
●H・DI-0520 Series
●Operating temperature range: −20 to +105℃ (Including self-temperature rise)
Model
Inductance
at 100kHz,1mA
(μH)
DC resistance
(Ω)max.
Rated current
(A)
Leadless Power Inductors
H
・DI-0520 Series
[RoHS Compliant]
Leadless Power Inductors
H
・DI-0520 Series
[RoHS Compliant]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com