Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSB44-2R2 Datasheet(PDF) 94 Page - NEC

Part # SSB44-2R2
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SSB44-2R2 Datasheet(HTML) 94 Page - NEC

Back Button SSB44-2R2 Datasheet HTML 90Page - NEC SSB44-2R2 Datasheet HTML 91Page - NEC SSB44-2R2 Datasheet HTML 92Page - NEC SSB44-2R2 Datasheet HTML 93Page - NEC SSB44-2R2 Datasheet HTML 94Page - NEC SSB44-2R2 Datasheet HTML 95Page - NEC SSB44-2R2 Datasheet HTML 96Page - NEC SSB44-2R2 Datasheet HTML 97Page - NEC SSB44-2R2 Datasheet HTML 98Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 104 page
background image
Power Inductors VOL.10
94
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
DIP Type
●SBCP-87HY Series(SBCP-87HY□□□H)
(A)
ΔT=40℃
Package: Soft lead・bulk 4,000pcs/box
      Pin lead・bulk 500pcs/AMMO pack,2,000pcs/box
(Ω)
max.
DC resistance
Numbering System
SBCP - 87HY - 101 H B
① Series
Core size (Outer size x height)
Model numbers and Core sizes
The model number (5 digits) consists of core size and inductance as shown below.
②
Model
Core size [mm]
7.5
ø8.0
SBCP-87HY
„„„H
③
10×101=100(μH)
④
⑤
* For bulk type
* Lead pitch is value at the root end.
(A)
ΔT=20℃
Rated current
Current (Reference value)
Model
L change rate–10%
at 10 kHz, 1mA
L(μH)
Inductance
Inductance:
Presence of external tube: H shows presence.
Packaging type: No indication for tape type. ;B; indicates bulk type.
*The presence of an external tube may not be indicated on the surface of sample products.
10.20
7.00
6.10
4.80
4.30
3.40
2.40
2.20
1.80
1.50
1.20
1.00
0.94
0.70
0.57
0.47
0.39
0.32
0.27
6.30
5.80
5.60
4.40
4.40
3.90
3.20
2.90
2.60
2.10
1.80
1.60
1.50
1.10
0.91
0.70
0.58
0.46
0.35
4.50
4.20
4.00
3.20
3.20
2.80
2.30
2.10
1.90
1.50
1.30
1.16
1.10
0.79
0.65
0.50
0.42
0.33
0.25
0.02
0.02
0.03
0.03
0.03
0.04
0.05
0.06
0.08
0.12
0.15
0.19
0.23
0.39
0.57
0.92
1.30
1.66
2.82
SBCP-87HY1R0H
1.0
±30%
SBCP-87HY1R5H
1.5
±30%
SBCP-87HY2R2H
2.2
±30%
SBCP-87HY3R3H
3.3
±30%
SBCP-87HY4R7H
4.7
±20%
SBCP-87HY6R8H
6.8
±20%
SBCP-87HY100H
10
±20%
SBCP-87HY150H
15
±20%
SBCP-87HY220H
22
±20%
SBCP-87HY330H
33
±20%
SBCP-87HY470H
47
±20%
SBCP-87HY680H
68
±10%
SBCP-87HY820H
82
±10%
0.87
1.20
0.90
0.30
SBCP-87HY101H
100
±10%
SBCP-87HY151H
150
±10%
SBCP-87HY221H
220
±10%
SBCP-87HY331H
330
±10%
SBCP-87HY471H
470
±10%
SBCP-87HY681H
680
±10%
SBCP-87HY102H
1000
±10%
SBCP-87HY Coils
[RoHS Compliant]
SBCP-87HY Coils
[RoHS Compliant]
[mm]
Shape and Dimensions
5.0
±0.5
ø0.6
101
101
ø
9.5
max.
(PB wire)
●SBCP-87HY Series(SBCP-87HY□□□H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com