Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSB44-2R2 Datasheet(PDF) 98 Page - NEC

Part # SSB44-2R2
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SSB44-2R2 Datasheet(HTML) 98 Page - NEC

Back Button SSB44-2R2 Datasheet HTML 94Page - NEC SSB44-2R2 Datasheet HTML 95Page - NEC SSB44-2R2 Datasheet HTML 96Page - NEC SSB44-2R2 Datasheet HTML 97Page - NEC SSB44-2R2 Datasheet HTML 98Page - NEC SSB44-2R2 Datasheet HTML 99Page - NEC SSB44-2R2 Datasheet HTML 100Page - NEC SSB44-2R2 Datasheet HTML 101Page - NEC SSB44-2R2 Datasheet HTML 102Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 104 page
background image
Power Inductors VOL.10
98
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
DIP Type
Numbering System
SBCP - 11HY - 101 H B
25.30
21.40
18.50
14.60
12.10
9.60
7.90
6.40
5.40
4.40
3.60
3.00
2.40
2.00
1.60
1.40
1.10
0.96
7.20
6.70
6.30
5.80
5.10
4.50
4.10
3.60
3.30
2.90
2.60
1.90
1.60
1.30
1.00
0.93
0.77
0.60
5.00
4.70
4.40
4.10
3.60
3.10
2.80
2.50
2.30
2.00
1.80
1.30
1.10
0.95
0.74
0.66
0.55
0.42
0.02
0.02
0.02
0.03
0.03
0.04
0.05
0.06
0.07
0.10
0.12
0.19
0.26
0.40
0.60
0.76
1.00
1.70
●SBCP-11HY Series(SBCP-11HY□□□H)
SBCP-11HY1R5H
1.5± 30%
SBCP-11HY2R2H
2.2± 30%
SBCP-11HY3R3H
3.3± 20%
SBCP-11HY4R7H
4.7± 20%
SBCP-11HY6R8H
6.8± 20%
SBCP-11HY100H
10± 20%
SBCP-11HY150H
15± 20%
SBCP-11HY220H
22± 20%
SBCP-11HY330H
33± 20%
SBCP-11HY470H
47± 20%
SBCP-11HY680H
68± 10%
SBCP-11HY101H
100± 10%
SBCP-11HY151H
150± 10%
SBCP-11HY221H
220± 10%
SBCP-11HY331H
330± 10%
SBCP-11HY471H
470± 10%
SBCP-11HY681H
680± 10%
SBCP-11HY102H
1000± 10%
Package: Bulk・2,000pcs/box
・ Tape & reel・400pcs/AMMO pack 1,600pcs/box
・ Operating temperature range: −20 to +105℃ (incl. coil heat)
・ Storage conditions: −5 to +40℃, 40to60% RH (in tape status), −20to + 85℃ (in bulk status)
・ Do NOT expose to direct sunlight
① Series
Core size (Outer size x height)
Model numbers and Core sizes
The model number (5 digits) consists of core size and inductance as shown below.
②
Model
Core size [mm]
11.0
ø11.0
SBCP-11HY
„„„H
③
10×101=100(μH)
④
⑤
Inductance:
Presence of external tube: H shows presence.
Packaging type: No indication for tape type. ;B; indicates bulk type.
*The presence of an external tube may not be indicated on the surface of sample products.
SBCP-11HY Coils
SBCP-11HY Coils
[RoHS Compliant]
[RoHS Compliant]
* For bulk type
* Lead pitch is value at the
root end.
Inductance
DC resistance
Rated current
Current (Reference value)
Model
L (μH)
(Ω)
(A)
(A)
at 10 kHz, 1mA
max.
ΔT=20˚C
ΔT=40˚C
L change rate–10%
Shape and Dimensions
5.0±0.5
ø0.6
101
101
ø12.5
max.
(PB wire)
●SBCP-11HY Series(SBCP-11HY□□□H)
[mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com