Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSB44-2R2 Datasheet(PDF) 102 Page - NEC

Part # SSB44-2R2
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SSB44-2R2 Datasheet(HTML) 102 Page - NEC

Back Button SSB44-2R2 Datasheet HTML 96Page - NEC SSB44-2R2 Datasheet HTML 97Page - NEC SSB44-2R2 Datasheet HTML 98Page - NEC SSB44-2R2 Datasheet HTML 99Page - NEC SSB44-2R2 Datasheet HTML 100Page - NEC SSB44-2R2 Datasheet HTML 101Page - NEC SSB44-2R2 Datasheet HTML 102Page - NEC SSB44-2R2 Datasheet HTML 103Page - NEC SSB44-2R2 Datasheet HTML 104Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 102 / 104 page
background image
Power Inductors VOL.10
102
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
DIP Type
12.0 max.
5.0±0.5
ø0.6
13.5 max.
5.0±0.5
ø0.65
[mm]
36m
48m
51m
87m
106m
132m
141m
181m
200m
221m
251m
272m
299m
390m
736m
839m
936m
1.20
1.40
2.00
2.30
2.60
SBPSC-11R310-100A
SBPSC-11R310-120A
SBPSC-11R310-150A
SBPSC-11R310-220A
SBPSC-11R310-270A
SBPSC-11R310-330A
SBPSC-11R310-390A
SBPSC-11R310-470A
SBPSC-11R310-560A
SBPSC-11R310-680A
SBPSC-11R310-820A
SBPSC-11R310-101A
SBPSC-11R310-121A
SBPSC-11R310-151A
SBPSC-11R310-221A
SBPSC-11R310-271A
SBPSC-11R310-331A
SBPSC-11R310-391A
SBPSC-11R310-471A
SBPSC-11R310-681A
SBPSC-11R310-821A
SBPSC-11R310-102A
10
12
15
22
27
33
39
47
56
68
82
100
120
150
220
270
330
390
470
680
820
1000
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±15%
±15%
±15%
±15%
±15%
±15%
±15%
±15%
±15%
±15%
±15%
3.80
3.40
3.30
2.85
2.40
2.10
2.05
1.80
1.75
1.65
1.55
1.45
1.40
1.15
0.94
0.88
0.84
0.74
0.70
0.48
0.46
0.43
SBPSC-12R817-100A
SBPSC-12R817-120A
SBPSC-12R817-150A
SBPSC-12R817-220A
SBPSC-12R817-270A
SBPSC-12R817-330A
SBPSC-12R817-390A
SBPSC-12R817-470A
SBPSC-12R817-560A
SBPSC-12R817-680A
SBPSC-12R817-820A
SBPSC-12R817-101A
SBPSC-12R817-121A
SBPSC-12R817-151A
SBPSC-12R817-221A
SBPSC-12R817-271A
SBPSC-12R817-331A
SBPSC-12R817-391A
SBPSC-12R817-471A
SBPSC-12R817-561A
SBPSC-12R817-681A
SBPSC-12R817-821A
SBPSC-12R817-102A
10
12
15
22
27
33
39
47
56
68
82
100
120
150
220
270
330
390
470
560
680
820
1000
29m
32m
35m
43m
48m
52m
58m
61m
66m
75m
96m
0.14
0.18
0.26
0.40
0.47
0.53
0.57
0.62
0.70
0.84
0.94
1.10
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±15%
±15%
±15%
±15%
±15%
±15%
±15%
±15%
±15%
±15%
±15%
±15%
4.70
4.40
4.20
3.90
3.60
3.50
3.30
3.20
3.10
2.90
2.50
2.40
2.20
1.65
1.40
1.30
1.20
1.15
1.10
1.00
0.90
0.80
0.70
wind end mark
(ø1.0 notch on the core)
wind end mark
(ø1.0 notch on the core)
Shape and Dimensions
●SBPSC-11R310 Series
*The rated current is the lower value of the following two: the DC curent value when the inductance decreases 10% from the initial value , or the DC current
value when the coil's temperature has rose
ΔT=40˚C
●Operating temperature range: –20 to +105˚C (Incl. coil heat)
Package: Bulk
・1,600pcs/box
Package: Bulk
・800pcs/box
●SBPSC-12R817 Series
Model
●SBPSC-11R310 Series
Inductance
(μH)
(100kHz.1mA)
DC resistance
(Ω)max.
Reted
Current
(A)
Model
●SBPSC-12R817 Series
Inductance
(μH)
(100kHz.1mA)
DC resistance
(Ω)max.
Reted
Current
(A)
SBPSC Coils
11R310
・12R817 Series
〈Magnetically Shielded Type〉
[RoHS Compliant]
SBPSC Coils
11R310
・12R817 Series
〈Magnetically Shielded Type〉
[RoHS Compliant]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com