Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSB44-2R2 Datasheet(PDF) 78 Page - NEC

Part # SSB44-2R2
Description  Power Inductors
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SSB44-2R2 Datasheet(HTML) 78 Page - NEC

Back Button SSB44-2R2 Datasheet HTML 74Page - NEC SSB44-2R2 Datasheet HTML 75Page - NEC SSB44-2R2 Datasheet HTML 76Page - NEC SSB44-2R2 Datasheet HTML 77Page - NEC SSB44-2R2 Datasheet HTML 78Page - NEC SSB44-2R2 Datasheet HTML 79Page - NEC SSB44-2R2 Datasheet HTML 80Page - NEC SSB44-2R2 Datasheet HTML 81Page - NEC SSB44-2R2 Datasheet HTML 82Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 104 page
background image
Power Inductors VOL.10
78
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9631PWIVOL10E1205E0
SMD Type
●SSB84 Series(SSB 84-□□□)
●SSB64 Series(SSB 64-□□□)
●SSB44 Series(SSB 44-□□□)
SSB84-1R0
SSB84-1R5
SSB84-2R2
SSB84-3R3
SSB84-4R7
SSB84-6R8
SSB84-100
SSB84-150
SSB84-220
SSB84-330
SSB84-470
SSB84-680
SSB84-101
SSB84-151
SSB84-221
SSB84-331
SSB84-471
SSB84-681
SSB84-102
1.0± 20%
1.5± 20%
2.2± 20%
3.3± 20%
4.7± 20%
6.8± 20%
10± 20%
15± 20%
22± 20%
33± 20%
47± 10%
68± 10%
100± 10%
150± 10%
220± 10%
330± 10%
470± 10%
680± 10%
1000± 10%
40
40
50
50
60
80
100
110
160
200
300
410
570
1100
1450
2000
3300
4100
5600
2.30
2.20
2.00
1.90
1.70
1.60
1.40
1.20
1.20
1.00
0.75
0.70
0.60
0.40
0.35
0.30
0.20
0.20
0.18
3.20
3.00
2.80
2.60
2.30
2.20
1.90
1.60
1.60
1.40
1.00
0.98
0.84
0.56
0.49
0.42
0.28
0.28
0.25
10.00
8.30
7.10
6.20
5.00
4.10
3.30
2.70
2.10
1.70
1.50
1.20
1.10
0.96
0.77
0.62
0.55
0.45
0.35
●Operating temperature range: −20 to +105℃ (Including self-temperature rise)
●
SSB44-1R0
SSB44-1R5
SSB44-2R2
SSB44-3R3
SSB44-4R7
SSB44-6R8
SSB44-100
SSB44-150
SSB44-220
SSB44-330
SSB44-470
SSB44-680
SSB44-101
SSB44-151
SSB44-221
SSB44-331
SSB44-471
SSB44-681
1.0± 20%
1.5± 20%
2.2± 20%
3.3± 20%
4.7± 20%
6.8± 20%
10± 20%
15± 20%
22± 20%
33± 20%
47± 10%
68± 10%
100± 10%
150± 10%
220± 10%
330± 10%
470± 10%
680± 10%
70
70
100
100
100
130
170
270
370
550
820
920
1600
1900
3000
4900
7500
8300
1.90
1.90
1.60
1.50
1.30
1.20
0.85
0.75
0.65
0.45
0.40
0.35
0.25
0.22
0.20
0.15
0.12
0.10
2.60
2.60
2.20
2.10
1.80
1.60
1.10
1.00
0.91
0.63
0.56
0.49
0.35
0.30
0.28
0.21
0.16
0.14
6.70
5.80
4.70
3.90
3.10
2.60
2.10
1.70
1.30
1.10
0.97
0.83
0.71
0.57
0.46
0.38
0.31
0.29
SSB64-1R0
SSB64-1R5
SSB64-2R2
SSB64-3R3
SSB64-4R7
SSB64-6R8
SSB64-100
SSB64-150
SSB64-220
SSB64-330
SSB64-470
SSB64-680
SSB64-101
SSB64-151
SSB64-221
SSB64-331
SSB64-471
SSB64-681
SSB64-102
1.0± 20%
1.5± 20%
2.2± 20%
3.3± 20%
4.7± 20%
6.8± 20%
10± 20%
15± 20%
22± 20%
33± 20%
47± 10%
68± 10%
100± 10%
150± 10%
220± 10%
330± 10%
470± 10%
680± 10%
1000± 10%
40
50
60
70
80
100
120
150
240
290
420
830
1000
1100
2400
3150
4000
6600
8400
1.70
1.50
1.50
1.50
1.40
1.30
1.20
1.00
0.80
0.70
0.55
0.40
0.35
0.30
0.30
0.20
0.19
0.15
0.14
2.30
2.10
2.10
2.10
1.90
1.80
1.60
1.40
1.10
0.98
0.77
0.56
0.49
0.42
0.42
0.28
0.26
0.21
0.19
11.60
10.00
7.70
6.30
5.30
4.30
3.60
2.90
2.40
2.00
1.60
1.40
1.00
0.86
0.71
0.59
0.49
0.41
0.34
Model
Inductance
L(μH)
at 10 kHz, 1mA
Rdc
(mΩ)
max
Rated current
(A)
ΔT=20℃
Current (Ref.)
(A)
ΔT=40℃
L change rate 10%
Model
Inductance
L(μH)
at 10 kHz, 1mA
Rdc
(mΩ)
max
Rated current
(A)
ΔT=20℃
Current (Ref.)
(A)
ΔT=40℃
L change rate 10%
Model
Inductance
L(μH)
at 10 kHz, 1mA
Rdc
(mΩ)
max
Rated current
(A)
ΔT=20℃
Current (Ref.)
(A)
ΔT=40℃
L change rate 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com