Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP9060 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP9060
Description  OVERVOLTAGE CLAMP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9060 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP9060 Datasheet HTML 1Page - Diodes Incorporated AP9060 Datasheet HTML 2Page - Diodes Incorporated AP9060 Datasheet HTML 3Page - Diodes Incorporated AP9060 Datasheet HTML 4Page - Diodes Incorporated AP9060 Datasheet HTML 5Page - Diodes Incorporated AP9060 Datasheet HTML 6Page - Diodes Incorporated AP9060 Datasheet HTML 7Page - Diodes Incorporated AP9060 Datasheet HTML 8Page - Diodes Incorporated AP9060 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AP9060
Document number: DS36001 Rev. 2 - 2
2 of 9
www.diodes.com
August 2012
© Diodes Incorporated
AP9060
Pin Descriptions
Pin
Number
Pin
Name
Function
1
VIN
Input voltage to the device.
2
GND
System ground.
3/PAD
VOUT
Output loltage, which follows VIN and gets clamped if VIN exceeds the clamp voltage of 11.15V (typ).
Functional Block Diagram
Figure 2 Functional Block Diagram
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VIN
Input Supply Voltage
-0.3 to +30
V
IMAX
Maximum Continuous Switch Current (Note 6)
TA = +25°C
TA = +85°C
2.6
1.6
A
PD
Power Dissipation @ TA = +25°C (Note 6)
1.1
W
TJ
Junction Temperature Range
-40 to +125
°C
TSTG
Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temperature for Soldering Purposes
260
°C
ESD Susceptibility (Note 5)
HBM
Human Body Model
8.0
kV
MM
Machine Model
350
V
Notes:
4. Stresses greater than the 'Absolute Maximum Ratings' specified above may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be
affected by exposure to absolute maximum rating conditions for extended periods of time.
5. Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when handling
and transporting these devices.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com