Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP9060 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP9060
Description  OVERVOLTAGE CLAMP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9060 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP9060 Datasheet HTML 1Page - Diodes Incorporated AP9060 Datasheet HTML 2Page - Diodes Incorporated AP9060 Datasheet HTML 3Page - Diodes Incorporated AP9060 Datasheet HTML 4Page - Diodes Incorporated AP9060 Datasheet HTML 5Page - Diodes Incorporated AP9060 Datasheet HTML 6Page - Diodes Incorporated AP9060 Datasheet HTML 7Page - Diodes Incorporated AP9060 Datasheet HTML 8Page - Diodes Incorporated AP9060 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AP9060
Document number: DS36001 Rev. 2 - 2
4 of 9
www.diodes.com
August 2012
© Diodes Incorporated
AP9060
Typical Performance Characteristics
Figure 3 VOUT vs. VIN
Figure 4 Output Clamp Voltage vs. Temperature
Figure 5 On-Resistance vs. VIN and Temperature
Figure 6 On-Resistance vs. IOUT and Temperature
Figure 7 On-Resistance (normalized) vs. Temperature
Figure 8 FET Leakage Current (in thermal shutdown) vs. VIN
0
1
2
3
4
5
6
7
8
9
10
11
12
0
2
4
6
8 1012141618202224262830
V
IN (V)
T
A = 25°C
R
OUT = 10kΩ
10.0
10.2
10.4
10.6
10.8
11.0
11.2
11.4
11.6
11.8
12.0
-40
-20
0
20
406080
100
120
TEMPERATURE (
°C)
V
IN = 30V
I
OUT = 0A
60
70
80
90
100
110
120
130
140
10
9
8
7
6
5
4
3
V
IN (V)
I
OUT = 1A (pulsed)
85°C
50°C
25°C
0°C
−25°C
−40°C
60
70
80
90
100
110
120
130
25
175
325
475
625
775
925
I
OUT (mA)
V
IN = 5V
85°C
50°C
25°C
0°C
−25°C
−40°C
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (
°C)
V
IN = 5V
I
OUT = 1A
0
2
4
6
8
10
12
14
16
3
6
9
12151821242730
V
IN (V)
R
OUT = 10kΩ
Temperature = 150
°C
Device in thermal shutdown mode



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com