Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP9060 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP9060
Description  OVERVOLTAGE CLAMP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9060 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP9060 Datasheet HTML 1Page - Diodes Incorporated AP9060 Datasheet HTML 2Page - Diodes Incorporated AP9060 Datasheet HTML 3Page - Diodes Incorporated AP9060 Datasheet HTML 4Page - Diodes Incorporated AP9060 Datasheet HTML 5Page - Diodes Incorporated AP9060 Datasheet HTML 6Page - Diodes Incorporated AP9060 Datasheet HTML 7Page - Diodes Incorporated AP9060 Datasheet HTML 8Page - Diodes Incorporated AP9060 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AP9060
Document number: DS36001 Rev. 2 - 2
3 of 9
www.diodes.com
August 2012
© Diodes Incorporated
AP9060
Thermal Resistance (Note 6)
Symbol
Parameter
Rating
Unit
θ
JA
Junction to Ambient
85
°C/W
Note:
6. Surface mounted on JEDEC’s High Effective Thermal Conductivity Test Board (JESD51-7).
Recommended Operating Conditions (Note 7) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Supply Voltage
3
30
V
TA
Operating Ambient Temperature Range
−40
+85
°C
Note:
7. The device function is not guaranteed outside of the recommended operating conditions.
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
AP9060 is tested at VIN = 5V, IOUT = 0mA, unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VCLAMP
Output clamp voltage
VIN = 30V
10.8
11.15
11.5
V
RON
On-Resistance (Note 8)
VIN = 5V, IOUT = 1000mA
VIN = 3V, IOUT = 1000mA
90
105
120
139
m
Ω
Vpk
Peak Output Voltage (Note 9)
VIN goes from 0V to 30V with 100ns
rise time, COUT = 100nF
16.0
V
Ibias
Input Bias Current
VIN = 5V
VIN = 30V
5
25
6
31
µA
THMSD
Thermal Shutdown Threshold (Note 9)
ROUT = 10kΩ
140
°C
THMhyst
Thermal Shutdown Hysteresis(Note 9)
ROUT = 10kΩ
20
°C
VOUT_REV
Reverse Supply Voltage on VOUT(Note 10)
IIN = −500mA
3.0
5.0
8.0
V
IIN_REV
Reverse Load Current on VIN (Note 10)
VOUT = 5V
−500
−1000
mA
Tstart
Soft-Start Time
VIN = 5V
10
ms
Notes:
8. Pulse tested with a width of 20ms.
9. Guaranteed by design.
10. To support reverse power operation, as in the case of USB OTG systems. A voltage source is connected to VOUT and a load connected on VIN.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com