Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP9060 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP9060
Description  OVERVOLTAGE CLAMP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9060 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP9060 Datasheet HTML 1Page - Diodes Incorporated AP9060 Datasheet HTML 2Page - Diodes Incorporated AP9060 Datasheet HTML 3Page - Diodes Incorporated AP9060 Datasheet HTML 4Page - Diodes Incorporated AP9060 Datasheet HTML 5Page - Diodes Incorporated AP9060 Datasheet HTML 6Page - Diodes Incorporated AP9060 Datasheet HTML 7Page - Diodes Incorporated AP9060 Datasheet HTML 8Page - Diodes Incorporated AP9060 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP9060
Document number: DS36001 Rev. 2 - 2
1 of 9
www.diodes.com
August 2012
© Diodes Incorporated
AP9060
OVERVOLTAGE CLAMP
Description
AP9060 is designed to protect the latest generation of PMICs for
portable applications such as Smartphones, UMPCs and others that
utilize battery power.
The device, with its integrated low resistance p-channel MOSFET,
operates as a switch and passes the input voltage through to the
output till the input reaches a clamp voltage limit. Once VIN goes
above the clamp limit, which is set to 11.15V, the output voltage gets
clamped and the feedback loop maintains the clamped VOUT by
reducing the drive to the p-channel FET.
The output voltage is clamped at 11.15V to ensure that a following
PMIC can detect a faulty charger and ensure safe and proper
communication to the system.
AP9060 also supports reverse operation whereby it can pass up to
1A of current from the PMIC to the load connected to the USB port.
This makes AP9060 suitable for USB On-The-Go enabled devices.
The
AP9060
protection
device
is
available
in
a
low-profile
W-DFN1114-3 package with a typical height of 0.8mm.
Applications
•
Power Interface for New Generation PMICs
•
Charger Front-End Protection
•
Smartphones
•
UMPC
•
Portable Applications
Pin Assignments
W-DFN1114-3
2
3
1
Top View
Features
•
Wide Input Voltage Range of 3V – 30V
•
Ultra-Low Bias Current
•
Integrated Low On-Resistance P-Channel FET
•
Output Voltage Clamped at 11.15V
•
PMOS Protection Mechanism – Removes EMI Issues Typically
Associated with an NMOS Solution
•
Supports Reverse Current Operation (USB OTG)
•
Available in a W-DFN1114-3 Package
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
Figure 1 Typical Application Circuit


Similar Part No. - AP9060

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP9050 DIODES-AP9050 Datasheet
168Kb / 9P
PROTECTION INTERFACE for PMICs with INTEGRATED OVP CONTROL
Rev 1
AP9050FDB DIODES-AP9050FDB Datasheet
168Kb / 9P
PROTECTION INTERFACE for PMICs with INTEGRATED OVP CONTROL
Rev 1
AP9050FDB-7 DIODES-AP9050FDB-7 Datasheet
168Kb / 9P
PROTECTION INTERFACE for PMICs with INTEGRATED OVP CONTROL
Rev 1
logo
A POWER MICROELECTRONIC...
AP90H06NF APME-AP90H06NF Datasheet
799Kb / 7P
60V NN-Channel Enhancement Mode MOSFET
REV1.0
AP90N02BD APME-AP90N02BD Datasheet
748Kb / 7P
20V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP9060

ManufacturerPart #DatasheetDescription
logo
Power-One
QAS050ZG POWER-ONE-QAS050ZG Datasheet
87Kb / 3P
Overvoltage Protection
logo
Bourns Electronic Solut...
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
Overvoltage Protector
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
Overvoltage Protector
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
Overvoltage Protector
logo
Littelfuse
P2703AA LITTELFUSE-P2703AA Datasheet
144Kb / 5P
Balanced overvoltage
logo
Texas Instruments
TPS25200 TI1-TPS25200 Datasheet
3Mb / 31P
5V eFuse with Precision Adjustable Current Limit and Overvoltage Clamp
TPS25200-Q1 TI1-TPS25200-Q1 Datasheet
2Mb / 28P
5-V eFuse With Precision Adjustable Current Limit and Overvoltage Clamp
logo
STMicroelectronics
EV-VN7007ALH STMICROELECTRONICS-EV-VN7007ALH Datasheet
305Kb / 8P
Overvoltage clamp
17-Oct-2016
EV-VND7020AJ STMICROELECTRONICS-EV-VND7020AJ Datasheet
783Kb / 7P
Overvoltage clamp
01-Sep-2015
logo
Maxim Integrated Produc...
MAX6496EVKIT MAXIM-MAX6496EVKIT Datasheet
96Kb / 4P
Selectable Overvoltage Mode and Overvoltage-Limiter Mode
Rev 0; 9/07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com