Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE030 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AFE030
Description  Powerline Communications Analog Front-End
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE030 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AFE030 Datasheet HTML 17Page - Texas Instruments AFE030 Datasheet HTML 18Page - Texas Instruments AFE030 Datasheet HTML 19Page - Texas Instruments AFE030 Datasheet HTML 20Page - Texas Instruments AFE030 Datasheet HTML 21Page - Texas Instruments AFE030 Datasheet HTML 22Page - Texas Instruments AFE030 Datasheet HTML 23Page - Texas Instruments AFE030 Datasheet HTML 24Page - Texas Instruments AFE030 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
Serial
Interface
Serial
Interface
DAC
PGA
PGA
PGA
LPF
LPF
PA
Line Coupling Interface
+
+
N1
N2
Bandpass Filter
C2000 MCU
Device
Phase
Neutral
AFE030
www.ti.com
SBOS588A
– DECEMBER 2011 – REVISED DECEMBER 2011
APPLICATION INFORMATION
GENERAL DESCRIPTION
The AFE030 is an integrated powerline communication analog front-end (AFE) device built from a variety of
functional blocks that work in conjunction with a microcontroller. The AFE030 provides the interface between the
microcontroller and a line coupling circuit. The AFE030 delivers high performance and is designed to work with a
minimum number of external components. Consisting of a variety of functional and configurable blocks, the
AFE030 simplifies design efforts and reduces the time to market of many applications.
The AFE030 includes three primary functional blocks:
•
Power Amplifier (PA)
•
Transmitter (Tx)
•
Receiver (Rx)
The AFE030 also consists of other support circuitry blocks that provide zero crossing detection, an additional
two-wire communications channel, and power-saving biasing blocks (see the Functional Block Diagram). All of
these functional blocks are digitally controlled by the microcontroller through the serial interface (SPI).
Figure 24 shows a typical powerline communications application system diagram. Table 1 is a complete list of
the sections within the AFE030.
Figure 24. Typical Powerline Communications System Diagram
Table 1. Block Descriptions
BLOCK
DESCRIPTION
PA
The PA block includes the power amplifier and associated pedestal biasing circuitry
Tx
The Tx block includes the Tx_Filter and the Tx_PGA
Rx
The Rx block includes the Rx PGA1, the Rx Filter, and the Rx PGA2
ERx
The ER block includes the two-wire receiver
ETx
The ER block includes the two-wire transmitter
DAC
The DAC block includes a digital-to-analog converter
ZC
The ZC block includes both zero crossing detectors
REF1
The REF1 block includes the internal bias generator for the PA block
REF2
The REF2 block includes the internal bias generators for the Tx, Rx, ERx, and ETx blocks
Copyright
© 2011, Texas Instruments Incorporated
21
Product Folder Link(s): AFE030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com